전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PHSL-161-R2

  • AI
    ## M2PHSL-161-R2: Electronic Component Overview The **M2PHSL-161-R2** is a specific model of a **magnetic proximity sensor** (often categorized under magnetic switches or reed sensors). These components are designed to detect the presence or absence of a magnetic field, typically used for position sensing, limit switching, or safety interlocking. --- ### Technical Specifications and Features | Parameter | Typical Description | | :--- | :--- | | **Component Type** | Magnetic Proximity Sensor / Reed Switch | | **Contact Form** | Form A (Normally Open) or Form C (Changeover) | | **Housing Material** | Plastic / Thermoplastic | | **Connection Type** | Lead wires (usually 2 or 3 wires) | | **Mounting Style** | Panel Mount / Screw Mount | | **Switching Voltage** | Usually up to 100V - 200V DC/AC | | **Switching Current** | Typically 0.5A (Max) | --- ### Internal Electronic Operation The M2PHSL-161-R2 operates based on the principle of **Magnetism**. Inside the plastic housing is a **Reed Switch**, which consists of two ferromagnetic blades (reeds) hermetically sealed in a glass envelope. 1. **Rest State:** When no magnet is near, the reeds remain apart (in a Normally Open configuration), and the circuit is broken. 2. **Actuated State:** When a permanent magnet moves within the "sensing range," the magnetic flux flows through the reeds, causing them to attract each other and touch. 3. **Circuit Completion:** Once the reeds touch, the electrical circuit is closed, allowing current to flow to a controller (like a PLC or Arduino). --- ### Typical Wiring Diagram Depending on the specific R2 sub-variant, the wiring usually follows a standard dry-contact logic: ```c // Example Logic Connection [ Power Source ] ---- [ M2PHSL-161-R2 ] ---- [ Load/PLC Input ] ---- [ Ground ] ``` * **Non-Polarized:** Since it is a mechanical reed switch, it generally does not have polarity (unless it features an integrated LED indicator). * **Dry Contact:** It does not require its own power to operate; it simply acts as a physical gate for the signal. --- ### Key Applications * **Security Systems:** Detecting if a door or window is open. * **Industrial Automation:** Limit switches for pneumatic cylinders or robotic arms. * **Appliances:** Sensing if a lid is closed (e.g., washing machines). * **Automotive:** Gear position or fluid level sensing. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance for the M2PHSL-161-R2?
    • ⤷ Can this sensor be used directly with high-current AC motors?
    • ⤷ Does this model include a built-in resistor for LED feedback?