전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PHSL-B4-R2

  • AI
    The **M2PHSL-B4-R2** is a specific part number typically associated with high-performance **M.2 NVMe SSD enclosures** or specific storage bridge modules (often from manufacturers like Maiwo or similar industrial suppliers). This specific model is designed to bridge high-speed NVMe storage to a host via USB or Thunderbolt interfaces. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this hardware series, here are the primary electronic characteristics: | Component | Specification | Description | | :--- | :--- | :--- | | **Interface (Internal)** | M.2 M-Key / B+M Key | Supports NVMe PCIe Gen 3/4 SSDs | | **Interface (External)** | USB 3.2 Gen 2x2 | Supports speeds up to **20Gbps** | | **Controller Chip** | ASMedia ASM2364 | High-performance bridge chip (common in R2 versions) | | **Form Factor** | 2230/2242/2260/2280 | Supports standard M.2 physical lengths | | **Material** | Aluminum Alloy | Used for heat dissipation and EMI shielding | --- ### 2. Core Electronic Components The "R2" designation usually implies a second-revision PCB with optimized power delivery or updated firmware capabilities. #### A. The Bridge Controller (ASM2364) The heart of the device is the **ASM2364**. This is a single-chip solution that bridges the PCI Express (PCIe) Gen3 x4 interface to the USB 3.2 20Gbps interface. * **Protocols:** Supports UASP (USB Attached SCSI Protocol) and TRIM commands. * **Latency:** Optimized for low-latency data transfers, essential for external booting. #### B. Power Management Integrated Circuit (PMIC) Because NVMe SSDs can draw significant power (up to 7-9W during peak writes), the board includes: * **Step-down Converters:** Converts the 5V USB input to the 3.3V required by the M.2 SSD. * **Overcurrent Protection (OCP):** Prevents the SSD from drawing too much current and damaging the host's USB port. #### C. Thermal Management Electronic components in the M2PHSL-B4-R2 generate significant heat at 20Gbps. * **Thermal Pads:** Conduct heat from the controller and the SSD to the aluminum chassis. * **Heat Sink Fins:** Usually integrated into the outer casing to increase surface area. --- ### 3. Pinout and Connectivity The M.2 slot on the PCB follows the standard PCIe pin mapping: ```markdown Pin 1-11: Ground & 3.3V Power Pin 12-19: Reserved / Module Keying Pin 41-49: PETn/p (PCIe Transmit pairs) Pin 51-59: PERn/p (PCIe Receive pairs) Pin 67-75: 3.3V Power ``` --- ### 4. Comparison: R1 vs R2 The **R2** (Revision 2) usually features these electronic improvements over the original model: 1. **Improved Signal Integrity:** Better PCB routing to reduce data errors at 20Gbps. 2. **Firmware Updates:** Better compatibility with the latest generation of Gen4 SSDs (even though it operates at Gen3 speeds). 3. **LED Logic:** Refined status LED circuitry for indicating Sleep vs. Data Transfer.
    ✨ Follow-up Questions
    • ⤷ What is the maximum read/write speed achievable with the ASM2364 controller?
    • ⤷ Does this model support SATA-based M.2 drives or only NVMe?
    • ⤷ What are the power requirements for a 20Gbps external SSD connection?