전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PHSW-A1B-R2

  • AI
    The **M2PHSW-A1B-R2** is a specific model of an **M.2 Hardware Reset/Switch module**, typically designed for industrial or specialized computing environments. It serves as an interface between a system's M.2 slot and physical control mechanisms like power or reset switches. ### 1. General Specifications The module is designed to fit into standard M.2 slots (usually Key B or M) but does not function as storage. Instead, it acts as a bridge for physical signal headers. | Feature | Description | | :--- | :--- | | **Form Factor** | M.2 2242 (22mm x 42mm) | | **Interface** | M.2 (Socket 2 or 3) | | **Primary Function** | Hardware Reset / Power Switch bypass | | **Connectors** | 2-pin or 4-pin headers for external switch wiring | | **Revision** | R2 (Second revision, likely improved signal isolation) | --- ### 2. Key Electronic Components The board consists of several critical passive and active components to ensure the system handles signals safely without shorting the motherboard. #### A. The M.2 Gold Finger Interface The bottom edge consists of gold-plated pins. In this specific module, only the pins designated for **3.3V power**, **Ground**, and specific **GPIO/Sideband signals** (like `PLTRST#` or `PWRBTN#`) are utilized. #### B. Signal Isolation (Optocouplers/Transistors) To prevent electrical noise or surges from the physical external button from damaging the motherboard's sensitive chipset: * **Transistors/MOSFETs:** Act as electronic switches. * **Resistors:** Current-limiting resistors ensure that the signal sent to the "Reset" or "Power" pin on the M.2 interface stays within logic-level tolerances (usually 3.3V). #### C. Pin Headers (The "Output") There are usually male headers soldered onto the PCB. * **PWR_SW:** Connects to the Power Button. * **RESET_SW:** Connects to the Reset Button. * **LED Headers:** Sometimes includes pins for HDD activity or Power LEDs. --- ### 3. Functional Logic The M.2 specification includes pins that are technically reserved or used for system management. This module "taps" into those lines: 1. **Input:** A user presses a physical button connected to the module's headers. 2. **Processing:** The module completes a circuit, pulling a specific M.2 pin (like the reset pin) to **GND (Ground)**. 3. **Result:** The Motherboard's BIOS/UEFI detects the state change on that specific M.2 pin and triggers a hard reset or power cycle. --- ### 4. Technical Use Case This part is commonly used in: * **Industrial Rackmounts:** Where the motherboard is deep inside a chassis and external controls are needed via an expansion slot. * **Testing Rigs:** Allowing engineers to trigger resets via software-controlled relays connected to these headers. * **Kiosk Systems:** Where the physical power button on the case is inaccessible.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the R2 revision headers?
    • ⤷ Can this module be used in a standard NVMe slot on a consumer motherboard?
    • ⤷ Does this module require specific driver installation to function?