전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PP-14N-R2

  • AI
    The **M2PP-14N-R2** is a specific model of a **Miniature Diaphragm Pump**, typically manufactured by companies like Takasago Electric. These pumps are engineered for precise fluid handling in medical, analytical, and diagnostic equipment. --- ## 1. Core Technical Specifications The "M2PP" series is characterized by its chemically resistant materials and compact footprint. | Feature | Specification (Typical) | | :--- | :--- | | **Pump Type** | Diaphragm (Positive Displacement) | | **Operating Voltage** | 12V DC or 24V DC (Model dependent) | | **Flow Rate** | Approx. 5 - 15 mL/min (Varies by pressure) | | **Wetted Materials** | PTFE, EPDM, or FKM (High chemical resistance) | | **Connection Type** | Pin terminals or Lead wires | | **Mounting** | Manifold or Barbed fittings | --- ## 2. Electronic & Electromechanical Components The M2PP-14N-R2 functions through the interaction of several key internal components: ### A. DC Motor (Drive Unit) The heart of the pump is a small DC motor. * **Rotation to Linear Motion:** The motor rotates an eccentric cam. * **Speed Control:** Flow rates are often adjusted by modulating the voltage or using **Pulse Width Modulation (PWM)** to control the motor speed. ### B. Diaphragm Assembly * The motor pushes a flexible diaphragm up and down. * This creates a volume change within the pump chamber, generating the vacuum/pressure required to move fluids. ### C. Check Valves * These act as "electronic logic" for fluid flow. * They ensure one-way directionality, preventing backflow during the compression cycle. --- ## 3. Integration & Control Circuitry To operate the M2PP-14N-R2 within an electronic system, the following peripheral components are usually required: 1. **Motor Driver:** An H-bridge or a simple transistor/MOSFET switch to handle the current draw of the motor. 2. **Flyback Diode:** Essential to protect the control electronics from inductive voltage spikes when the motor is turned off. 3. **Pressure Sensors:** Often used in a feedback loop with the pump to maintain a constant pressure or detect blockages (occlusions). --- ## 4. Common Applications * **IVD (In-Vitro Diagnostics):** Moving reagents or samples. * **Fuel Cells:** Managing water or fuel flow. * **Environmental Monitoring:** Sampling air or water for sensors. * **Medical Devices:** Small-scale fluid dosing or waste removal. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements (Voltage/Current) for the R2 variant?
    • ⤷ How do I implement a PWM circuit to control the flow rate of this pump?
    • ⤷ What chemicals are compatible with the wetted materials of the M2PP series?