전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PP-34N-R

  • AI
    ## Analysis of the M2PP-34N-R The **M2PP-34N-R** is a specific part number primarily associated with **miniature thermal printer mechanisms**, commonly manufactured by brands like **PRT (Protech)** or compatible OEM suppliers. These components are designed for integration into portable devices, handheld terminals, and POS systems. --- ### 1. Key Technical Specifications The electronics of the M2PP series focus on high-speed thermal printing and low power consumption for mobile applications. | Feature | Specification | | :--- | :--- | | **Print Method** | Thermal Line Printing | | **Resolution** | 8 dots/mm (203 DPI) | | **Paper Width** | 58mm (2 inches) | | **Print Width** | 48mm | | **Operating Voltage** | 4.2V - 8.5V DC | | **Peak Current** | ~1.5A to 2.0A (Printing) | | **Head Temperature Detection** | Via Thermistor | --- ### 2. Major Electronic Sub-Components The M2PP-34N-R consists of several critical electronic assemblies: #### A. Thermal Print Head (TPH) * **Heating Elements:** A row of tiny resistors that heat up to create dots on thermal paper. * **Driver ICs:** Integrated circuits that manage the timing and power delivery to the heating elements. * **Thermistor:** A temperature-sensitive resistor used to monitor the head's heat to prevent burnout and ensure print quality. #### B. Stepper Motor Control * **Function:** Controls the paper feed mechanism. * **Type:** Usually a 2-phase bipolar stepper motor. * **Electronics:** Requires an external H-bridge driver circuit on the main PCB to manage the pulses. #### C. Sensors * **Photo Interrupter:** Used for **Paper End** detection. It senses the absence of paper and sends a signal to the controller to halt printing. * **Platen Position Sensor:** Detects if the printer lever is open or closed. --- ### 3. Interface and Connectivity The "R" suffix often refers to specific ribbon cable or connector configurations. * **Connection Type:** Flexible Flat Cable (FFC) / Flexible Printed Circuit (FPC). * **Signal Lines:** * **Data In (DI):** Serial data for the print buffer. * **Clock (CLK):** Synchronizes data transfer. * **Latch (LAT):** Stores the data in the driver IC. * **Strobe (STB):** Controls the duration of the heating cycle. --- ### 4. Application Context Because of its small footprint and 5V-9V operating range, this part is widely used in: 1. **Handheld POS Terminals** (Credit card machines). 2. **Portable Medical Devices** (ECG printouts). 3. **Taxi Meters** and Fare Recorders. 4. **Data Loggers.** ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2PP-34N-R FPC connector?
    • ⤷ How do you calculate the strobe time for this thermal head to prevent overheating?
    • ⤷ Which stepper motor driver IC is most compatible with this printer mechanism?