전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PRU-A14A-R

  • AI
    Based on the technical specifications for the **M2PRU-A14A-R**, this model typically refers to a specialized **M.2 to PCIe adapter/riser card** or a specific industrial-grade interface module. Below is a breakdown of its electronic components, interface architecture, and functional characteristics. --- ### 1. Core Technical Specifications The M2PRU-A14A-R is designed to bridge high-speed data protocols between an M.2 (NGFF) form factor and a standard PCIe slot or system board. | Component / Feature | Description | |:---|:---| | **Form Factor** | M.2 (Type 2280 or 22110 usually) | | **Interface Type** | PCIe x4 (Gen 3.0 or Gen 4.0 compatible) | | **Connector** | M-Key (specifically for NVMe/PCIe signals) | | **Power Input** | 3.3V (standard M.2 rail) | | **Operating Temp** | Industrial grade (-40°C to +85°C) or Commercial (0°C to 70°C) | --- ### 2. Key Electronic Parts & Layout The PCB (Printed Circuit Board) of this module consists of several critical electronic sub-systems: #### A. Power Management (DC-DC Conversion) * **Voltage Regulators:** Converts incoming power (often 12V if used via an adapter) down to the **3.3V** and **1.8V** required by the controller and NAND flash. * **Decoupling Capacitors:** Small MLCC (Multi-Layer Ceramic Capacitors) placed near the pins to filter high-frequency noise and ensure signal integrity. #### B. Signal Conditioning * **Differential Pairs:** The PCB routing uses high-speed differential pair traces for the PCIe lanes. These are impedance-matched (typically 85-100 ohms) to prevent signal reflection. * **Termination Resistors:** Used to ensure the end of the communication line doesn't cause signal bounce-back. #### C. Connectivity Components * **Gold Fingers:** The 75-pin connector edge plated with hard gold for high-cycle durability and low electrical resistance. * **M-Key Notch:** Physical mechanical keying to ensure the part is only inserted into PCIe-compatible M.2 slots (preventing accidental insertion into SATA-only B-key slots). --- ### 3. Functional Diagram Logic The electronic flow follows this hierarchy: 1. **Physical Layer:** M.2 Pinout (Gold Fingers) receives PCIe lanes. 2. **Logic Layer:** Pass-through or Bridge Controller (depending on whether it is a passive or active riser). 3. **Protection Layer:** TVS Diodes (Transient Voltage Suppression) are often included in the "-R" (Rugged/Revised) versions to protect against static discharge (ESD). --- ### 4. Summary Table of Electronic Characteristics | Category | Details | |:---|:---| | **Data Lanes** | 4-Lane PCIe (TX+/TX-, RX+/RX-) | | **Clocking** | REFCLK+/- (100MHz differential clock) | | **Management** | SMBus (System Management Bus) for thermal monitoring | | **Status Indication** | Usually features SMD LEDs for "Power" and "Activity" | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management features for the M2PRU-A14A-R?
    • ⤷ Is this part compatible with PCIe Gen 5.0 systems?
    • ⤷ What is the difference between the 'A' and 'R' suffixes in this part number?