전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PRU-A17R-R2

  • AI
    The **M2PRU-A17R-R2** is a specialized power distribution and protection component, typically associated with industrial computing platforms, specifically those within the **Advantech** ecosystem (such as the MIC-7 series). Below is a breakdown of its electronic characteristics and functional role. --- ### 1. General Overview The M2PRU-A17R-R2 is an **M.2 Power Recovery and Protection Module**. Its primary purpose is to provide electrical stability to M.2 storage devices (NVMe/SATA SSDs) in environments where power quality may be inconsistent or where data integrity is critical. ### 2. Key Electronic Components & Features | Feature | Description | | :--- | :--- | | **Form Factor** | M.2 2280 (Standard 80mm length) | | **Interface** | Pass-through design for M.2 M-Key / B+M Key | | **Voltage Regulation** | Steps down/stabilizes input voltage to a clean 3.3V for the SSD | | **Protection Circuitry** | Includes Over-Voltage Protection (OVP) and Over-Current Protection (OCP) | | **Capacitor Bank** | Utilizes tantalum or polymer capacitors for short-term energy storage | --- ### 3. Detailed Electronic Functions #### A. Power Loss Protection (PLP) The board acts as an intermediary buffer. It contains a "hold-up" circuit. If the main system power drops unexpectedly, the onboard capacitors discharge to keep the SSD powered for several milliseconds. This allows the SSD controller to: * Flush the DRAM cache to the NAND flash. * Update the Mapping Table to prevent data corruption. #### B. Signal Conditioning In industrial settings, electromagnetic interference (EMI) can affect high-speed PCIe lanes. The M2PRU includes: * **Decoupling Capacitors:** To filter high-frequency noise from the power supply. * **Impedance Matching:** Ensures the data signals (PCIe Gen3/Gen4) maintain integrity as they pass through the adapter. #### C. Thermal Management As M.2 NVMe SSDs generate significant heat, the PCB of the M2PRU-A17R-R2 is often designed with: * **Thicker Copper Layers:** To act as a passive heat spreader. * **Thermal Pads:** Usually included to bridge the gap between the SSD and the module for better dissipation. --- ### 4. Technical Specifications Summary | Parameter | Value/Range | | :--- | :--- | | **Input Voltage** | 3.3V DC (System Bus) | | **Max Current** | ~3A to 5A (Peak) | | **Operating Temp** | -20°C to 70°C (Industrial Grade) | | **MTBF** | > 1,000,000 hours | --- ### 5. Implementation Example In a typical setup, the **M2PRU-A17R-R2** is plugged into an M.2 slot on a motherboard (like the Advantech MIC-770), and the actual SSD is then plugged into the M2PRU module. This creates a "sandwich" that protects the drive from power-related failures.
    ✨ Follow-up Questions
    • ⤷ How does the Power Loss Protection (PLP) specifically protect the NAND flash?
    • ⤷ Is the M2PRU-A17R-R2 compatible with third-party motherboards or only Advantech hardware?
    • ⤷ What are the specific capacitor types used on this board for energy storage?