전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PRU-A24P-R/N

  • AI
    The **M2PRU-A24P-R/N** is a specialized industrial power distribution and protection component, typically associated with **Delta Electronics** or similar industrial control manufacturers. It functions as a redundant power module or a power management unit designed for high-reliability systems. Below is a breakdown of its electronic parts, functions, and technical characteristics. --- ## 1. Core Component Breakdown | Component Type | Function | Details | | :--- | :--- | :--- | | **Input Terminals** | Power Entry | Usually supports dual-channel DC inputs (redundancy). | | **Output Rails** | Load Distribution | Distributes 24V DC to multiple channels (P-R/N configuration). | | **MOSFETs / Diodes** | Oring Circuitry | Prevents back-feeding and manages seamless switching between power sources. | | **Microcontroller (MCU)** | Logic Control | Monitors voltage, current, and status of each channel. | | **Status LEDs** | Diagnostics | Visual indicators for "Power OK," "Fault," or "Overload." | | **Relay Contacts** | Alarm Output | Dry contacts used for remote signaling to a PLC or SCADA system. | --- ## 2. Technical Specifications (General Data) Based on the nomenclature `A24P-R/N`, these units generally operate under these parameters: * **Nominal Voltage:** 24V DC. * **Redundancy Type:** 1+1 or N+1 configurations. * **Protection Rating:** IP20 (typically for DIN-rail mounting). * **Mounting:** Standard 35mm DIN rail. * **Wiring:** Screw-down terminals or push-in spring terminals. --- ## 3. Electronic Protection Features The internal circuitry is designed to protect both the power supply and the connected load: ### A. Over-Current Protection (OCP) If a specific branch circuit exceeds its rated amperage, the electronic fuse or circuit breaker within the M2PRU will trip to prevent damage to the main power bus. ### B. Reverse Polarity Protection Internal diodes or MOSFET-based circuits prevent damage if the input cables are accidentally swapped during installation. ### C. Isolation and Filtering The unit includes capacitors and inductors (LC filters) to smooth out voltage ripples and suppress electromagnetic interference (EMI) that could affect sensitive PLC logic. --- ## 4. Part Number Suffix Logic * **A24P:** Indicates 24 Volts DC Application. * **R/N:** Often denotes the logic type for the alarm or output status: * **R:** Relay output (Commonly used for fault signaling). * **N:** NPN or Negative common logic (depending on the specific series). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific current ratings for each output channel on this module?
    • ⤷ Can this module be used with different voltage inputs
    • ⤷ such as 12V or 48V?
    • ⤷ How do you reset the module after a fault condition is detected?