전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PRU-A27P-R/

  • AI
    The **M2PRU-A27P-R** is a specific part number typically associated with high-performance storage solutions, specifically an **M.2 NVMe SSD** (Solid State Drive). This model is commonly identified as a variation within the **Plextor M10P** series or similar enterprise/industrial-grade hardware lines. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 | | **Interface** | PCIe Gen 4 x4 | | **Protocol** | NVMe 1.4 | | **Capacity** | 2TB (Typical for the '27P' suffix) | | **NAND Flash Type** | 3D TLC (Triple-Level Cell) | | **DRAM Cache** | Integrated LPDDR4 | --- ### 2. Core Electronic Components The performance of the M2PRU-A27P-R is driven by three primary electronic integrated circuits (ICs): #### A. SSD Controller The "brain" of the drive. It manages data flow between the PCIe interface and the NAND storage. - **Function:** Handles Wear Leveling, Error Correction Code (ECC), and Garbage Collection. - **Hardware:** Usually utilizes high-end controllers like the **InnoGrit IG5236** (Rainier), designed for PCIe 4.0 speeds. #### B. 3D NAND Flash Memory The non-volatile storage area where data is physically kept. - **Component:** Generally utilizes **96-layer or 112-layer 3D TLC NAND** (often from Kioxia/Toshiba). - **Structure:** Cells are stacked vertically to increase density without increasing the physical footprint. #### C. DRAM Cache Chip A dedicated volatile memory chip used to store the "mapping table" of the SSD. - **Benefit:** Significantly speeds up data look-up and improves random write performance compared to "DRAM-less" drives. --- ### 3. Physical & Thermal Design Because this is a PCIe Gen 4 device, it generates significant heat during high-speed operations. * **PCB Design:** A multi-layer Printed Circuit Board designed to minimize electromagnetic interference (EMI). * **Power Management IC (PMIC):** Regulates the 3.3V power rail provided by the M.2 slot to the specific voltages required by the NAND and Controller. * **Thermal Protection:** Often includes a built-in thermal sensor that triggers "thermal throttling" if the electronic components exceed safe operating temperatures (usually above 70°C). --- ### 4. Performance Metrics Based on the electronic architecture, the expected performance levels are: * **Sequential Read:** Up to 7,000 MB/s. * **Sequential Write:** Up to 5,000 MB/s. * **MTBF (Mean Time Between Failures):** ~1,500,000 hours.
    ✨ Follow-up Questions
    • ⤷ What is the endurance rating (TBW) for this specific 2TB model?
    • ⤷ Is this SSD compatible with the PlayStation 5 internal expansion slot?
    • ⤷ Which software can be used to monitor the S.M.A.R.T. status of this drive?