전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PRU-C4A-R/Q

  • AI
    The **M2PRU-C4A-R/Q** refers to a high-performance **M.2 NVMe SSD** (Solid State Drive), typically utilized in industrial, military, or high-reliability computing environments. This specific part numbering suggests a drive engineered for durability and consistent performance under stress. Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm x 22mm) | | **Interface** | PCIe Gen4 x4 (NVMe 1.4) | | **Flash Type** | 3D TLC (Triple Level Cell) | | **Capacity Range** | Typically 512GB to 4TB | | **Input Voltage** | 3.3V ± 5% | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Core Electronic Components The "Electronic Parts" of an SSD like the M2PRU series consist of several critical subsystems: #### A. The Controller (The "Brain") The controller manages data flow between the PCIe interface and the NAND flash. In high-performance units (C4A designation), these controllers feature: * **Multi-core architecture** to handle high IOPS (Input/Output Operations Per Second). * **ECC (Error Correction Code)**: Advanced LDPC algorithms to fix bit errors. * **Wear Leveling**: Distributes write/erase cycles across flash blocks to extend lifespan. #### B. NAND Flash Memory This is where data is physically stored. * **3D NAND Technology**: Vertical stacking of memory cells to increase density. * **Part Suffix (R/Q)**: Often indicates specific bins of flash chips—"R" might denote Ruggedized or Industrial-grade testing, while "Q" can refer to specific qualification standards or packaging types. #### C. Power Management Integrated Circuit (PMIC) Modern NVMe drives use a PMIC to regulate the 3.3V input from the motherboard into lower voltages (1.8V, 1.2V, 0.9V) required by the controller and NAND. * Includes **Over-Voltage Protection (OVP)** and **Under-Voltage Protection (UVP)**. #### D. DRAM Cache High-end "C4A" models usually include a dedicated DDR4/LPDDR4 chip. This acts as a high-speed buffer for the **L2P (Logical-to-Physical) table**, significantly speeding up data lookup and random write performance. --- ### 3. Advanced Features for Reliability * **Thermal Throttling**: Internal sensors monitor temperature; the drive reduces clock speeds if it exceeds safe limits to prevent hardware damage. * **End-to-End Data Path Protection**: Adds parity bits to data as it moves from the host to the controller and finally to the NAND. * **Power Loss Protection (PLP)**: Often includes a circuit of tantalum capacitors that provide enough "hold-up" power to flush data from the volatile DRAM cache to the non-volatile NAND if power is suddenly cut. --- ### 4. Implementation Code Example (Linux Management) To check the electronic health and identity of such a drive in a Linux environment, you would use `nvme-cli`: ```bash # Install the utility sudo apt-get install nvme-cli # View detailed hardware information and smart attributes sudo nvme smart-log /dev/nvme0n1 # View specific controller identification sudo nvme id-ctrl /dev/nvme0n1 ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between TLC and QLC flash in terms of durability?
    • ⤷ How does Power Loss Protection (PLP) physically function on an M.2 PCB?
    • ⤷ What are the specific read/write speeds for the PCIe Gen4 interface on this model?