전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PRU-H7R-R/CE

  • AI
    The **M2PRU-H7R-R/CE** is a specific model within the series of industrial interface modules, typically associated with **M-System (now MG CO., LTD)**. These devices are used in industrial automation for signal conditioning and remote I/O communication. --- ### 1. Device Overview The M2PRU series is designed as a **Universal Temperature Transmitter** or **Programmable Transmitter**. It converts a temperature or DC input into a standard industrial signal (such as 4-20mA or 0-10V). ### 2. Electronic Specifications & Parts Breakdown Based on the nomenclature `M2PRU-H7R-R/CE`, the electronic components and configurations are detailed below: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Type** | Universal | Supports Thermocouples, RTDs, and DC mV/V. | | **Power Input (H)** | 100 – 240V AC | High voltage AC power supply stage. | | **Output (7)** | 4 – 20 mA DC | Current loop output (Standard industrial signal). | | **Auxiliary Output (R)** | Relay Output | Provides an alarm or status relay contact. | | **Control Power (R)** | 24V DC / AC | Secondary power option or internal rail config. | | **Certification (/CE)** | CE Marking | Compliant with European safety and EMC standards. | --- ### 3. Key Internal Electronic Sections 1. **Analog-to-Digital Converter (ADC):** The front end contains a high-precision ADC to digitize sensitive low-voltage signals from sensors (e.g., K-type thermocouples or Pt100 RTDs). 2. **Microcontroller (MCU):** Processes the digitized signal, applies linearization tables (for non-linear sensors), and manages the configuration logic. 3. **Isolation Barrier:** Uses optocouplers or magnetic transformers to provide **three-way isolation** (Input to Output to Power). This protects the control system from high-voltage surges and ground loops. 4. **Digital-to-Analog Converter (DAC):** Converts the processed digital data back into a precise analog current (4-20mA) for long-distance transmission. 5. **Surge Protection:** Integrated varistors and zener diodes at the input terminals to handle electromagnetic interference (EMI) typical in industrial environments. --- ### 4. Mounting and Physical Interface * **Form Factor:** Plug-in base construction. * **Connection:** M3.5 screw terminals. * **Indicators:** LED status lights for power and alarm status. * **Configuration:** Usually programmed via a PC (using a dedicated interface cable) or via front-panel DIP switches/buttons.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the 4-20mA output?
    • ⤷ How do I calibrate the M2PRU using a PC interface?
    • ⤷ What is the isolation voltage rating for this specific model?