전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PV-C16-R/CE

  • AI
    The **M2PV-C16-R/CE** is a high-performance **M.2 NVMe SSD to USB-C 3.1 Gen 2 Enclosure**, typically manufactured by **ORICO**. It is designed to bridge the gap between internal solid-state drives and external USB connectivity. --- ## Technical Specifications The internal electronic components are optimized for high-speed data transfer and thermal management. | Feature | Specification | | :--- | :--- | | **Main Controller (Bridge)** | Realtek RTL9210 | | **Interface (Internal)** | M.2 M-Key / B&M-Key (NVMe PCIe Protocol) | | **Interface (External)** | USB 3.1 Gen 2 Type-C | | **Transmission Speed** | Up to 10Gbps | | **Max Capacity Support** | 2TB | | **Supported Sizes** | 2230, 2242, 2260, 2280 | | **UASP / Trim Support** | Yes | --- ## Key Electronic Components & Functions ### 1. The Controller (Realtek RTL9210) The heart of the device is the **Realtek RTL9210** bridge chip. This specific IC is highly regarded for: * **Protocol Translation:** It converts NVMe commands into USB mass storage commands. * **Low Power Consumption:** It features a high-efficiency power management unit (PMU) that reduces heat compared to older JMicron controllers. * **Reliability:** It prevents disconnects during high-load file transfers. ### 2. Thermal Management Circuitry Because NVMe drives generate significant heat (often exceeding 70°C under load), the electronics are housed in a specialized chassis: * **Aluminum Alloy Shell:** Acts as a passive heat sink. * **Thermal Pads:** Conducts heat directly from the SSD controller and NAND chips to the metal exterior. * **Fin Design:** The "R" variant often features a finned top cover to increase surface area for heat dissipation. ### 3. Protection Circuits The PCB (Printed Circuit Board) includes several safety features: * **Over-Current Protection (OCP):** Prevents damage if the SSD draws too much power. * **Short-Circuit Protection:** Protects the host computer's USB port. * **ESD Protection:** Shields the internal components from static electricity during handling. ### 4. Connectivity & LED Indicators * **USB-C Port:** A robust 24-pin connector supporting reversible plugging and high-speed data lanes. * **LED Status Indicator:** A small SMD (Surface Mount Device) LED that shows power status (solid) and data activity (flashing). --- ## Usage Requirements To achieve the electronic potential of 10Gbps, the host device must support **USB 3.1 Gen 2** or **USB 3.2 Gen 2**. If plugged into a USB 3.0 port, the electronics will "handshake" and down-negotiate the speed to 5Gbps.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Realtek RTL9210 and the RTL9210B controller?
    • ⤷ Does this enclosure support SATA-based M.2 drives?
    • ⤷ How do thermal pads affect the lifespan of the NVMe drive in this enclosure?