전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PV-C1S0-R

  • AI
    The **M2PV-C1S0-R** is a specific electronic component, typically categorized as a high-frequency **RF (Radio Frequency) Connector**, often associated with Hirose (HRS) or similar precision interconnect manufacturers. It is designed for compact electronic assemblies requiring reliable signal transmission. --- ## Technical Specifications & Features Below is a breakdown of the core electronic and physical attributes of the M2PV series connectors: ### 1. Key Performance Metrics | Parameter | Specification | | :--- | :--- | | **Frequency Range** | DC to 6 GHz (Typically) | | **Impedance** | 50 Ohms (Standard for RF) | | **Mounting Type** | Surface Mount (SMT) / PCB Mount | | **Contact Plating** | Gold plating for high conductivity and oxidation resistance | | **Mating Orientation** | Vertical / Straight | ### 2. Component Composition * **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand lead-free reflow soldering temperatures. * **Center Contact:** Copper alloy with gold plating to minimize insertion loss. * **Outer Shell/Ground:** Provides shielding against Electromagnetic Interference (EMI) and ensures a stable ground path. --- ## Electronic Applications The M2PV-C1S0-R is primarily used in high-density board-to-board or cable-to-board RF applications. Common use cases include: 1. **Mobile Communications:** Internal antennas for smartphones and tablets. 2. **IoT Devices:** Connecting Wi-Fi, Bluetooth, or Zigbee modules to external or PCB-integrated antennas. 3. **Automotive Electronics:** Infotainment systems and telematics control units. 4. **Testing Equipment:** High-speed data measurement boards where space is at a premium. --- ## Design Considerations When integrating this part into a PCB layout, engineers must account for the following: * **Trace Impedance:** The PCB traces leading to the connector must be matched to **50 Ohms** to prevent signal reflections. * **Solder Paste Mask:** Precise stencil design is required to ensure the SMT pads are soldered without bridging, given the small pitch. * **Mechanical Stress:** Being a miniature connector, it is sensitive to excessive mating/unmating forces; proper housing alignment is critical.
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering temperature profiles for the M2PV-C1S0-R?
    • ⤷ Is there a compatible mating cable assembly for this specific connector?
    • ⤷ What is the maximum VSWR rating for this part at 6 GHz?