전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PV-C1S1-R/N

  • AI
    The **M2PV-C1S1-R/N** is a specific model identifier for an M.2 NVMe SSD enclosure, typically manufactured by **ORICO**. This device is designed to convert an internal M.2 SSD into a high-speed external portable drive. Below is an explanation of its electronic components and technical specifications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface** | USB 3.1 Gen2 Type-C | | **Transmission Rate** | Up to 10Gbps | | **Control Scheme** | Realtek RTL9210 | | **Supported Protocols** | NVMe (PCIe) | | **Supported SSD Keys** | M-Key / B+M Key | | **Material** | Aluminum Alloy + ABS Plastic | --- ### 2. Core Electronic Components #### A. The Bridge Controller (The "Brain") The heart of this device is the **Realtek RTL9210**. This is a bridge chip that translates the **NVMe/PCIe** signals from the SSD into **USB 3.1 Gen2** signals. * **Performance:** It handles the overhead of the protocol conversion while maintaining low latency. * **Features:** It supports **UASP** (USB Attached SCSI Protocol) for faster data transfer and **TRIM** commands to help maintain SSD health over time. #### B. Power Management Circuitry Since NVMe SSDs can be power-hungry, the PCB (Printed Circuit Board) includes: * **Voltage Regulators:** Converts the 5V provided by the USB port down to the 3.3V required by the M.2 SSD. * **Over-current Protection (OCP):** Safeguards both the SSD and the host computer from power surges. #### C. Thermal Management System High-speed NVMe drives generate significant heat during sustained writes. This model utilizes: * **Aluminum Heatsink Fin:** The top cover is designed with "fins" to increase surface area for heat dissipation. * **Thermal Pad:** A silicone pad bridges the physical gap between the SSD controller and the metal casing, acting as a thermal conductor. #### D. LED Indicator Logic A small SMD (Surface Mount Device) LED is integrated into the board to communicate the status: * **Solid Light:** Power is connected/Idle. * **Flashing Light:** Data transfer/Active read-write. --- ### 3. Connection & Layout The internal PCB features a standard **67-pin M.2 slot**. The physical design allows for various lengths of SSDs, usually identified by the following mounting holes: * **2230, 2242, 2260, and 2280** (22mm wide, and 30-80mm long). ---
    ✨ Follow-up Questions
    • ⤷Does the RTL9210 chip support SATA M.2 drives or only NVMe?
    • ⤷ What is the maximum storage capacity supported by this enclosure?
    • ⤷ How does UASP improve the transfer speed of this device?