전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PV-C1SD-R/CE

  • AI
    The **M2PV-C1SD-R/CE** is a high-performance M.2 NVMe SSD enclosure developed by **ORICO**. It is designed to convert an internal M.2 SSD into a portable external drive using the USB 3.2 Gen 2 standard. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Core Technical Specifications The device acts as a bridge between the PCIe/NVMe protocol and the USB protocol. | Feature | Specification | | :--- | :--- | | **Main Controller** | Realtek RTL9210 | | **Output Interface** | USB 3.2 Gen 2 Type-C | | **Transmission Rate** | 10Gbps (Theoretical) | | **Supported Protocol** | NVMe (PCIe 3.0 x2) | | **Supported SSD Keys** | M-Key / B+M Key | | **SSD Form Factors** | 2230, 2242, 2260, 2280 | | **Max Capacity** | Up to 2TB | --- ### 2. Key Electronic Components #### A. The Bridge Controller (Realtek RTL9210) The heart of this enclosure is the **Realtek RTL9210** chipset. - **Function:** It translates NVMe commands into USB commands. - **Power Management:** It is known for low power consumption and excellent thermal management compared to older JMicron controllers. - **UASP & Trim:** It supports UASP (USB Attached SCSI Protocol) for faster data transfer and TRIM commands to maintain SSD longevity. #### B. Thermal Management System Because NVMe SSDs generate significant heat during 10Gbps transfers, the "C1SD" model features specific electronic/physical cooling: - **Built-in Cooling Fan:** This specific model suffix often denotes the inclusion of an active cooling fan to prevent thermal throttling. - **PCB Thermal Vents:** The Printed Circuit Board is designed with copper pours to help dissipate heat from the controller to the aluminum shell. #### C. Power Regulation - **DC-DC Buck Converter:** Converts the 5V supplied by the USB port down to the 3.3V required by M.2 NVMe SSDs. - **Protection Circuitry:** Includes over-current, short-circuit, and over-voltage protection to ensure the SSD is not damaged during hot-plugging. --- ### 3. Physical & Electronic Interface The device utilizes a **Type-C** interface which is reversible and supports the high-bandwidth requirements of USB 3.2 Gen 2. - **LED Indicator:** A small surface-mount LED on the PCB indicates power status and data activity (blinking during read/write). - **Sleep Mode:** The firmware is programmed to enter "Smart Sleep" after 10 minutes of inactivity to reduce electronic wear and heat. ---
    ✨ Follow-up Questions
    • ⤷ Does this enclosure support SATA-based M.2 SSDs?
    • ⤷ What is the maximum real-world read/write speed of the RTL9210 chip?
    • ⤷ Is the cooling fan loud during high-speed data transfers?