전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PV-C1SD-R/UL

  • AI
    The **M2PV-C1SD-R/UL** is a specific model of an M.2 NVMe SSD enclosure manufactured by **ORICO**. It is designed to convert an internal M.2 SSD into a high-speed external portable drive. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Core Technical Specifications The electronics of this device focus on the bridge between the PCIe/NVMe protocol and the USB protocol. | Feature | Specification | | :--- | :--- | | **Main Controller** | Realtek RTL9210 (Typically) | | **Interface (Input)** | M.2 M-Key / B+M Key | | **Interface (Output)** | USB 3.1 Gen2 Type-C | | **Data Transfer Rate** | Up to 10Gbps | | **Protocol Support** | NVMe (PCIe) | | **Power Management** | Bus-powered via USB (5V) | --- ### 2. Key Electronic Components #### A. The Bridge Controller The "brain" of the M2PV-C1SD-R/UL is a high-performance bridge chip. Most versions of this model use the **Realtek RTL9210**. * **Function:** It translates NVMe commands into USB Mass Storage Class (MSC) or USB Attached SCSI Protocol (UASP) commands. * **UASP & TRIM Support:** The electronics are designed to support TRIM (for SSD longevity) and UASP (for faster data transfer speeds). #### B. Thermal Management System Because NVMe SSDs generate significant heat during 10Gbps transfers, the electronics are integrated into a thermal regulation design: * **Heat Fin Design:** The "PV" series features an integrated aluminum alloy heatsink cover. * **PCBA Layout:** The Printed Circuit Board Assembly (PCBA) includes copper pours to dissipate heat from the controller chip to the outer shell. #### C. Safety & Protection Circuitry The "UL" designation often refers to compliance or specific safety standards. The internal circuitry includes: * **Over-current Protection:** Prevents damage to the SSD if the USB port surges. * **Short-circuit Protection:** Safeguards the host computer. * **ESD Protection:** Protects the Type-C port from static electricity during plugging/unplugging. --- ### 3. Physical & Electronic Compatibility The M.2 slot on the internal PCB is keyed for specific drive types: * **Supported Sizes:** 2230, 2242, 2260, and 2280. * **Incompatible Protocols:** This specific model usually **does not** support M.2 SATA (NGFF) drives; it is electronically wired for PCIe NVMe only. --- ### 4. Status Indicators The board features a **Surface Mount Device (SMD) LED**: * **Blue/White Constant:** Device is powered and recognized. * **Flashing:** Data is being read from or written to the electronic flash cells of the SSD. ---
    ✨ Follow-up Questions
    • ⤷ Does this model support M.2 SATA SSDs as well as NVMe?
    • ⤷ What is the maximum storage capacity supported by the RTL9210 controller?
    • ⤷ Is a thermal pad included in the assembly of this enclosure?