전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PV-C1SF-R/CE

  • AI
    The **M2PV-C1SF-R/CE** is an electronic component, specifically a **M.2 SSD Enclosure** or specialized interface bridge manufactured by **ORICO**. It is designed to convert an internal M.2 NVMe or SATA SSD into an external USB drive. Below is a detailed breakdown of its electronic components, specifications, and architecture. --- ### 1. Core Technical Specifications The device acts as a bridge between the PCIe/SATA protocols and the USB protocol. | Feature | Specification | | :--- | :--- | | **Main Controller** | Realtek RTL9210B (Dual Protocol) | | **Output Interface** | USB 3.1 Gen2 Type-C | | **Transmission Rate** | 10Gbps (NVMe) / 6Gbps (SATA) | | **Supported Protocols** | NVMe (PCIe) & NGFF (SATA) | | **Form Factors** | 2230, 2242, 2260, 2280 | | **Power Management** | Auto-sleep (after 10 mins of inactivity) | --- ### 2. Key Electronic Components The PCB (Printed Circuit Board) of this device contains several critical integrated circuits and passive components: #### A. The Bridge Controller (The Brain) The heart of this device is the **Realtek RTL9210B**. - It is a bridge chip that supports both **USB 3.1 Gen2** to **PCIe Gen3 x2** and **SATA 6Gbps**. - This specific chip is highly regarded for its low power consumption and lower heat generation compared to older JMicron controllers. #### B. Power Management Circuitry - **Step-down Converters (Buck Regulators):** Converts the 5V power from the USB port down to 3.3V, which is the standard operating voltage for M.2 SSDs. - **Overcurrent Protection (OCP):** Protects the host computer and the SSD from power surges. #### C. Thermal Management Features - **Thermal Pads:** Silicon-based pads that bridge the gap between the SSD/Controller and the metal casing. - **Aluminum Alloy Shell:** Acts as a passive heat sink to dissipate heat generated by the high-speed data transfer. #### D. Signal Conditioning - **Coupling Capacitors:** Used on the high-speed differential pairs (USB and PCIe lines) to block DC bias and ensure signal integrity. --- ### 3. Functional Architecture The electronic workflow follows this path: 1. **Input:** USB-C 5V Power + Data Differential Pairs. 2. **Conversion:** RTL9210B translates USB SCSI Subclass 1 (UASP) commands into NVMe or AHCI commands. 3. **Output:** M.2 M-Key or B+M Key physical interface. --- ### 4. Component Safety Standards The **"CE"** suffix in the model number indicates compliance with European Union safety, health, and environmental protection requirements. This involves: - **Electromagnetic Compatibility (EMC):** Ensuring the device doesn't interfere with other electronics. - **RoHS Compliance:** The solder and components are lead-free. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the RTL9210 and RTL9210B controllers?
    • ⤷ How does the UASP protocol improve the performance of this device?
    • ⤷ Can this enclosure support 4TB M.2 NVMe drives?