전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PV-C23-R2/CE

  • AI
    The **M2PV-C3-R2** (and its CE variant) is an M.2 NVMe SSD enclosure manufactured by ORICO. This device serves as an external bridge that converts an internal M.2 NVMe SSD into a portable USB drive. Below is a breakdown of the electronic components and technical specifications. --- ### 1. Core Technical Specifications The electronics are designed to handle high-speed data transfer while managing the heat generated by NVMe drives. | Feature | Specification | | :--- | :--- | | **Main Bridge Controller** | Realtek RTL9210 | | **Output Interface** | USB 3.1 Gen2 Type-C | | **Theoretical Speed** | 10Gbps (approx. 1000MB/s) | | **Supported Protocols** | NVMe (PCIe 3.0 x2) | | **SSD Form Factors** | M.2 M-Key / B&M Key (2230, 2242, 2260, 2280) | | **Max Capacity** | 2TB | --- ### 2. Key Electronic Components #### A. The Bridge Chip (Realtek RTL9210) The heart of the PCB is the **Realtek RTL9210**. This is a high-performance bridge chip that converts the PCIe signals from the SSD into USB signals for your computer. * **Protocol Conversion:** Translates NVMe commands into USB Mass Storage Class (MSC) or USB Attached SCSI Protocol (UASP). * **Power Management:** Includes an integrated switching regulator to convert 5V USB power to the 3.3V required by M.2 SSDs. #### B. Power Delivery & Protection The PCB contains several surface-mount devices (SMD) to ensure stability: * **Voltage Regulators (LDO/Buck):** Stabilizes the current to prevent spikes from damaging the SSD. * **Filter Capacitors:** Large electrolytic or ceramic capacitors are used to smooth out ripples in the power supply, especially during heavy write operations. #### C. Interface & Connectivity * **M.2 Slot:** A physical M-Key connector with gold-plated pins for high-speed signal integrity. * **USB-C Port:** A 24-pin Type-C female connector soldered to the board, supporting reversible plug orientation. --- ### 3. Thermal Management Electronics Because NVMe drives generate significant heat, the electronic design includes: 1. **Copper Traces:** The PCB often uses thickened copper layers to help dissipate heat from the controller. 2. **Thermal Pad:** A conductive pad bridges the gap between the electronic components (SSD/Chipset) and the aluminum outer shell. 3. **Aluminum Alloy Fin Design:** The "R2" version specifically features a fin-style heat sink casing to increase surface area for passive cooling. --- ### 4. Firmware & Smart Features The onboard electronics support several advanced logical features: * **UASP & TRIM:** Enhances data transfer speeds and maintains the longevity of the SSD cells. * **Sleep Mode:** Automatically enters a low-power state after 10 minutes of inactivity to save energy and reduce component wear. * **LED Indicator:** A small SMD LED on the board indicates power status (solid) and data activity (flashing). --- ### 5. Summary Code Representation (Data Mapping) ```json { "model": "M2PV-C3-R2", "electronic_architecture": { "bus_type": "PCIe Gen3 x2", "interface": "USB 3.1 Gen2", "controller_ic": "Realtek RTL9210", "power_input": "5V / 0.9A (Standard USB)" } } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the Realtek RTL9210 and the JMicron JMS583 controller?
    • ⤷ Does this enclosure support SATA-based M.2 SSDs?
    • ⤷ How does the UASP protocol improve the performance of this device?