M2PV-C2B-R
AI

The **M2PV-C2B-R** is a specific model of an M.2 NVMe SSD enclosure manufactured by **ORICO**. It is designed to convert an internal M.2 SSD into a portable external drive.
Below is a detailed breakdown of its electronic components, technical specifications, and internal architecture.
---
## 1. Core Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Main Controller** | Realtek RTL9210 |
| **Interface (External)** | USB 3.1 Gen 2 Type-C |
| **Interface (Internal)** | M.2 M-Key / B+M Key |
| **Protocol Support** | NVMe (PCIe) |
| **Data Transfer Rate** | Up to 10Gbps |
| **Material** | Aluminum Alloy + ABS Plastic |
---
## 2. Key Electronic Components
### A. The Bridge Controller (Realtek RTL9210)
The "brain" of this device is the **Realtek RTL9210**. This is a high-performance bridge chip that acts as a translator between two different languages:
* **PCIe/NVMe:** The native language of the SSD.
* **USB 3.1/USB 3.2:** The language of your computer's port.
* **Power Management:** It includes an integrated switching regulator and supports low-power modes (sleep mode) to preserve the lifespan of the SSD.
### B. Thermal Management (Passive Cooling)
Because NVMe SSDs generate significant heat during 10Gbps transfers, the electronics are paired with:
* **Thermal Fin Design:** The top cover is made of aluminum with a "fin" structure to increase surface area.
* **Thermal Pad:** A conductive silicone pad transfers heat from the SSD controller directly to the metal shell.
### C. PCB Architecture
The Printed Circuit Board (PCB) contains several critical surface-mount devices (SMD):
* **Filter Capacitors:** These stabilize the 5V power coming from the USB port to ensure a steady 3.3V supply to the SSD.
* **Status LED:** A small SMD LED (usually blue) provides visual feedback for power and data activity.
* **E-Marker Compatibility:** The circuitry is designed to negotiate power and data speeds with USB-C cables efficiently.
---
## 3. Data Protocol & Speed Performance
The electronic design allows for "Theoretical vs. Real-world" performance:
1. **UASP Support:** It supports *USB Attached SCSI Protocol*, which reduces CPU overhead and speeds up data transfers.
2. **TRIM Command:** The electronics pass through TRIM commands to the SSD, which is essential for maintaining the health and speed of the NAND flash memory over time.
---
## 4. Hardware Connectivity
The internal M.2 slot is electronically keyed for **M-Key** and **B+M Key** NVMe drives.
> **Note:** This specific model is generally **not** compatible with M.2 SATA (NGFF) protocols, as the RTL9210 chip is dedicated to NVMe-to-USB conversion.
- ⤷
Does the M2PV-C2B-R support double-sided SSDs?
- ⤷ What is the difference between the RTL9210 and the RTL9210B controller?
- ⤷ Can I use this enclosure with a Thunderbolt 3 port?