전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PV-C30-R/Q

  • AI
    The **ORICO M2PV-C30** is an external NVMe M.2 SSD enclosure. Its electronic design is centered around high-speed data translation between the PCIe protocol of the SSD and the USB protocol of the host computer. Below is a breakdown of its electronic components and specifications. ### 1. Core Integrated Circuits (ICs) The heart of the device is the bridge controller, which manages the communication. | Component | Specification | Function | | :--- | :--- | :--- | | **Main Controller** | Realtek **RTL9210** | High-performance bridge chip converting PCIe Gen3 x2 to USB 3.1 Gen 2. | | **Interface** | USB 3.1 Gen 2 Type-C | Supports data transfer rates up to **10Gbps**. | | **SSD Protocol** | NVMe (PCI-Express) | Specifically designed for M-Key or B+M Key NVMe drives (Not for SATA). | --- ### 2. Key Electronic Features * **UASP & Trim Support:** The firmware on the RTL9210 chip supports *USB Attached SCSI Protocol* (UASP) for faster data transfers and *TRIM* commands to maintain SSD longevity. * **Power Management:** Includes an **Auto-Sleep** function. After 10 minutes of inactivity, the controller signals the SSD to enter a low-power state to reduce heat and power consumption. * **Voltage Regulation:** The PCB contains step-down voltage regulators (buck converters) to convert the 5V supplied by the USB port to the **3.3V** required by NVMe M.2 SSDs. --- ### 3. Physical & Thermal Design Because NVMe SSDs generate significant heat during 10Gbps transfers, the "electronic" performance is heavily reliant on the thermal assembly: * **PCBA Layout:** The Printed Circuit Board Assembly is compact, featuring copper pours to help dissipate heat from the controller chip. * **Thermal Pad:** A silicone thermal pad bridges the gap between the SSD/Controller and the aluminum alloy finned shell. * **EMI Shielding:** The aluminum casing acts as a Faraday cage to reduce Electromagnetic Interference (EMI) during high-frequency data transmission. --- ### 4. Technical Specifications Summary | Feature | Details | | :--- | :--- | | **Input Port** | M-Key / B+M Key (NVMe) | | **Output Port** | USB 3.1 Gen2 Type-C | | **Maximum Capacity** | Supports up to 2TB SSDs | | **Data Rate** | Theoretical 1250 MB/s (Real-world ~900-1000 MB/s) | | **Compatibility** | 2230, 2242, 2260, and 2280 M.2 Form Factors | ---
    ✨ Follow-up Questions
    • ⤷ Does the RTL9210 controller support firmware updates for better compatibility?
    • ⤷ How does the heat dissipation of the M2PV-C30 compare to plastic enclosures?
    • ⤷ Can this enclosure be used with a Thunderbolt 3 port?