전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PV-C3SC-R2

  • AI
    The **M2PV-C3SC-R2** is a high-performance M.2 NVMe SSD enclosure manufactured by **ORICO**. It is designed to convert internal M.2 NVMe solid-state drives into portable external storage devices. Below is a breakdown of the electronic components, technical specifications, and internal features. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Control Chipset** | Realtek RTL9210B (High-Performance Bridge) | | **Interface (Output)** | USB 3.1 Gen 2 Type-C | | **Transmission Rate** | Up to 10Gbps | | **Drive Interface** | M-Key / B+M Key (NVMe/SATA Dual Protocol) | | **Form Factors** | 2230, 2242, 2260, 2280 | | **Max Capacity** | 2TB Support | --- ### 2. Core Electronic Components #### A. The Bridge Controller (Realtek RTL9210B) The heart of this device is the **Realtek RTL9210B**. This is a highly efficient bridge chip that translates signals between the PCIe/NVMe (or SATA) bus of the SSD and the USB 3.1 protocol of the computer. * **Dual Protocol Support:** Unlike older models, this chip allows the enclosure to accept both NVMe and SATA M.2 drives. * **UASP & Trim:** It supports **UASP** (USB Attached SCSI Protocol) for faster data transfer and **TRIM** commands to prolong the lifespan of the SSD. #### B. Power Management & Circuit Protection The PCB (Printed Circuit Board) includes several safety features: * **Over-current Protection:** Prevents damage to the SSD if the USB port provides unstable voltage. * **Short Circuit Protection:** Safeguards the controller and the host device. * **Auto-Sleep Function:** The firmware is programmed to put the drive into sleep mode after 10 minutes of inactivity, reducing power consumption and heat. #### C. Thermal Management Since NVMe drives generate significant heat during 10Gbps transfers, the "C3" series focuses on passive cooling: * **Aluminum Alloy Shell:** Acts as a massive heatsink. * **Thermal Fin Design:** The surface features ridges to increase the surface area for heat dissipation. * **Thermal Pad:** Usually included to bridge the gap between the SSD chips and the aluminum casing. --- ### 3. Connection & Compatibility The enclosure uses a **USB Type-C** physical interface. * **Pin Configuration:** Uses high-speed differential pairs to maintain 10Gbps signal integrity. * **LED Indicator:** A built-in LED on the PCB monitors the working status (Solid: Power On / Flashing: Data Transfer). --- ### 4. Implementation Code (Example) While you don't "program" the hardware directly, you can check its electronic status via CLI tools like `smartmontools` on Linux: ```bash # Check if the Realtek bridge is recognized and read SSD health sudo smartctl -d sntp -a /dev/sdb ```
    ✨ Follow-up Questions
    • ⤷ Does the RTL9210B chip support firmware updates for better compatibility?
    • ⤷ What is the difference between NVMe and SATA protocols in this specific enclosure?
    • ⤷ How does the 10Gbps limit affect the performance of a Gen4 NVMe drive?