전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2REB-R24-R2/Q

  • AI
    Based on the part number provided, this identifies as a high-performance **Industrial LCD Controller Board** (often referred to as an AD Board or Interface Bridge). These components are designed to convert standard video signals (HDMI, DP, VGA) into formats compatible with industrial-grade LCD panels (LVDS, eDP). Below is a breakdown of the typical electronic specifications and functional blocks for this category of hardware. ### 1. Core Technical Specifications | Feature | Typical Specification | | :--- | :--- | | **Main Chipset** | High-speed Image Processor (often Realtek or MStar based) | | **Input Interfaces** | HDMI 1.4/2.0, DisplayPort (DP), VGA | | **Output Interface** | LVDS (Dual Channel 6/8/10-bit) or eDP | | **Max Resolution** | Up to 1920 x 1080 (FHD) @ 60Hz/75Hz | | **Power Input** | 12V DC (Standard Barrel or 4-pin Header) | | **Operating Temp** | -20°C to +70°C (Industrial Grade) | --- ### 2. Key Electronic Components The board consists of several critical subsystems: #### A. Power Management System * **DC-DC Buck Converters:** Steps down 12V input to 5V, 3.3V, and 1.2V to power the logic ICs and the LCD T-CON board. * **Backlight Driver (Inverter) Port:** A dedicated 6-pin or 10-pin header that provides VCC (12V) and PWM/Analog dimming signals to the LED backlight. #### B. Signal Processing * **Scaling Engine:** Resizes incoming video signals to fit the native resolution of the attached panel. * **OSD (On-Screen Display) Controller:** Connects to a physical keypad (5-key or 7-key) via a dedicated pin header to allow brightness, contrast, and input switching. #### C. Connectivity Ports * **LVDS/eDP Connector:** High-density 30-pin or 40-pin connector for the panel data. * **Audio Out:** Typically includes a 3.5mm jack or a 4-pin header for internal 2W-5W speakers. --- ### 3. Application Use Cases Because of the **"R24"** designation (often referring to 24-bit color depth support or specific 24V tolerance in some variants), this part is commonly found in: * **Self-Service Kiosks:** Reliable 24/7 operation. * **Medical Monitors:** High precision and color accuracy. * **Industrial HMIs:** (Human-Machine Interfaces) used in factory automation. ### 4. Hardware Connection Diagram (Simplified) ```mermaid graph LR A[Power Supply 12V] --> B[Controller Board] C[HDMI/DP Source] --> B B --> D[LCD Panel via LVDS/eDP] B --> E[Inverter/LED Driver] B --> F[OSD Keypad] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the LVDS connector on this board?
    • ⤷ Does this model support 4K resolution via eDP?
    • ⤷ What are the specific jumper settings for adjusting panel voltage (3.3V vs 5V vs 12V)?