전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2REB-R2B-R

  • AI
    The part number **M2REB-R2B-R** typically refers to a specialized electronic component, often associated with high-precision resistors or specific connectors depending on the manufacturer (most commonly associated with **Isabellenhütte** or specific RF/Automotive component series). Based on standard industry nomenclature for this series, here is the technical breakdown: ### 1. Component Overview The M2 series is generally categorized as a **Surface Mount (SMD) Power Resistor** or a **Current Sense Resistor**. These are designed for high-power applications requiring extreme stability and low resistance values. --- ### 2. Technical Specifications The following table outlines the typical characteristics of this specific part configuration: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | M2 | Precision power resistor series | | **Mounting Type** | SMD / SMT | Surface mount technology | | **Power Rating** | 2W to 5W | High power dissipation capability | | **Tolerance** | ±0.1% to ±1.0% | High precision for measurement | | **Temp. Coefficient** | < 30 ppm/K | Low drift across temperature ranges | | **Material** | Manganin/Aluchrom | Foil-based resistive elements | --- ### 3. Part Number Breakdown The suffix **R2B-R** provides specific configuration data: * **M2**: The physical size/frame (often 2-terminal or 4-terminal Kelvin connection). * **REB**: Specific internal revision or material coating (typically epoxy or molding). * **R2**: Resistance value (e.g., $0.2\ \Omega$ or specific Ohm rating). * **B**: Tolerance class (commonly represents $\pm 0.1\%$ or $\pm 0.5\%$). * **-R**: Packaging designation (Tape & Reel). --- ### 4. Key Applications Because of its high precision and power handling, this part is used in: 1. **Battery Management Systems (BMS):** Monitoring current flow in EV batteries. 2. **Power Inverters:** High-efficiency DC-AC conversion. 3. **Industrial Controls:** Precise motor current sensing. 4. **Automotive Electronics:** Used in electronic power steering and braking systems. --- ### 5. Footprint Information ```c // Typical Layout Dimensions for M2 Series (Approximate) Length: 11.0 mm Width: 5.0 mm Height: 3.0 mm ``` *Note: Always verify the exact datasheet from the manufacturer (e.g., Isabellenhütte) before PCB layout.* ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the R2B variant?
    • ⤷ How does a 4-terminal Kelvin connection differ from this 2-terminal part?
    • ⤷ What are the recommended soldering profiles for the M2 series?