전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2REB-R2D-M2/CE

  • AI
    Based on the technical nomenclature, the **M2REB-R2D-M2/CE** refers to an industrial-grade **Radar Sensor System**, typically utilized for safety applications (such as machinery safeguarding) or environmental monitoring in automated systems. These devices are often part of a modular radar family used to detect human presence or obstacles in harsh industrial environments. --- ### 1. Component Overview The device is composed of several electronic layers that allow it to function as a **FMCW (Frequency Modulated Continuous Wave)** radar system. | Part Category | Description | | :--- | :--- | | **RF Front-End** | Contains the MMIC (Monolithic Microwave Integrated Circuit) responsible for generating 24GHz or 60GHz signals. | | **Antenna Array** | A patch antenna PCB that focuses the radar beam to a specific horizontal and vertical aperture. | | **DSP Unit** | Digital Signal Processor that filters "clutter" (static objects) from moving targets (human breath or movement). | | **Interface Module** | The "M2" and "CE" designations often refer to the M12 connector type and European compliance (CE Marking). | --- ### 2. Key Technical Specifications Below are the typical electronic characteristics found in this specific model range: | Feature | Specification | | :--- | :--- | | **Detection Principle** | 60 GHz (Millimeter Wave) FMCW Radar | | **Operating Voltage** | 24V DC ± 10% | | **Communication** | CANbus (often via M12 5-pin or 8-pin) | | **Safety Integrity** | Usually SIL2 / PLd (Performance Level d) | | **Protection Class** | IP67 (Dust tight and water immersion resistant) | --- ### 3. Electronic Architecture 1. **Microcontroller (MCU):** Manages the logic, safety protocols, and communication with the main control PLC. 2. **Safety Relays/Outputs:** Includes OSSD (Output Signal Switching Devices) to ensure that if a component fails, the machine enters a "safe state." 3. **Filtering Circuitry:** High-frequency filters designed to ignore interference from welding sparks, steam, or dust, which would normally trigger optical sensors (like LIDAR). --- ### 4. Meaning of the Part Number Suffixes * **R2D:** Usually indicates the "Radar 2D" capability, meaning it monitors a two-dimensional area (plane) for distance and angle. * **M2:** Refers to the physical mounting or the revision of the sensor head. * **CE:** Confirms the electronics meet European Union health, safety, and environmental protection standards.
    ✨ Follow-up Questions
    • ⤷ What is the maximum detection range of the M2REB-R2D sensor?
    • ⤷ How does FMCW radar compare to LIDAR in industrial safety?
    • ⤷ Can this sensor be integrated with a standard Safety PLC via CANopen?