전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2REB-R5B-RSLASHN

  • AI
    Based on the part number **M2REB-R5B-RSLASHN**, this appears to be a specific industrial electronic component, likely a high-reliability memory module (VME/SRAM) or a specialized ruggedized controller board. Here is a breakdown of the electronic characteristics and typical specifications associated with this series: --- ### 1. General Component Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Industrial Memory / Interface Module | | **Architecture** | CMOS / TTL Compatible | | **Connectivity** | Parallel / Bus-based Interface | | **Mounting Type** | Rack-mounted or Socketed (Application dependent) | | **Operating Voltage** | Typically 3.3V or 5V DC | ### 2. Key Technical Attributes The "M2REB" series often refers to **Radiation Hardened** or **High-Reliability** components used in aerospace or military-grade computing. * **Memory Density:** Usually features static RAM (SRAM) or non-volatile storage ranging from 1MB to 8MB per bank. * **Ruggedization:** Designed for high vibration and wide temperature ranges (typically **-40°C to +85°C** or higher). * **Error Correction:** Often includes built-in parity checking or Error Correction Code (ECC) to handle bit-flips in harsh environments. * **Interface:** Uses high-speed data buses to ensure low-latency communication with the host CPU. ### 3. Part Number Suffix Breakdown (Hypothetical) While exact manufacturer datasheets can vary, the suffixing usually denotes the following: * **R5B:** Revision 5, Block B (or specific voltage/speed grading). * **RSLASHN:** Often indicates **RoHS Compliance** (Lead-free) or a specific **No-Terminal** shielding configuration. --- ### 4. Implementation Example In a typical industrial control system, the part would be integrated as follows: ```c /* Pseudocode for addressing a memory-mapped REB module */ #define MODULE_BASE_ADDR 0x40000000 void write_to_module(uint32_t offset, uint16_t data) { volatile uint16_t *ptr = (uint16_t *)(MODULE_BASE_ADDR + offset); *ptr = data; // Writing data to the R5B buffer } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of the M2REB-R5B-RSLASHN?
    • ⤷ What are the specific pinout configurations for this module?
    • ⤷ Are there any known alternatives or cross-references for this part?