전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2REB-RBC-M2/CE

  • AI
    The **M2REB-RBC-M2/CE** is a specialized electronic control unit and encoder feedback system, most commonly associated with **SANYO DENKI** or similar industrial motion control systems used in high-precision robotics and CNC machinery. Below is a breakdown of its electronic components and technical specifications. --- ### 1. General Specifications This part functions as a high-resolution absolute encoder and interface module, designed for harsh industrial environments. | Feature | Description | | :--- | :--- | | **Device Type** | Absolute Multi-Turn Encoder / Control Board | | **Communication Protocol** | Proprietary Serial Interface (RS-485 based) | | **Power Supply** | Typically 5V DC (±5%) | | **Resolution** | 17-bit to 20-bit (approx. 131,072 to 1,048,576 pulses/rev) | | **Backup System** | Battery-backed multi-turn counting | --- ### 2. Core Electronic Components The internal architecture consists of several critical stages to process motion data: #### A. Sensing Element (Optical/Magnetic) * **The Disk:** A glass or plastic disk with high-precision etchings. * **LED/Photodiode Array:** Uses an infrared LED and a receiver array to generate analog sine/cosine waves from the light patterns passing through the disk. #### B. Signal Processing (ASIC) * **Interpolation Chip:** Converts the analog sine/cosine signals into high-resolution digital data. * **CPU/Microcontroller:** Manages the logic for multi-turn counting and stores error logs or calibration data. #### C. Communication Interface * **Line Driver/Receiver:** Usually an RS-422 or RS-485 differential transceiver to ensure data integrity over long cable runs (up to 20-30 meters) in electrically noisy environments. #### D. Protection & Filtering * **TVS Diodes:** Protects the internal circuitry from electrostatic discharge (ESD) and voltage spikes. * **Ferrite Beads/Capacitors:** Used for Electromagnetic Interference (EMI) filtering to comply with CE certification standards. --- ### 3. Connection Pinout (Typical) While specific to the machine's wiring harness, these modules generally follow a standard industrial 10-pin or 6-pin layout: | Pin Number | Signal Name | Function | | :--- | :--- | :--- | | 1 | **VCC** | +5V Power Input | | 2 | **GND** | 0V Ground | | 3 | **BAT+** | Battery backup for multi-turn memory | | 4 | **BAT-** | Battery ground | | 5 | **SD+** | Serial Data Positive (Differential) | | 6 | **SD-** | Serial Data Negative (Differential) | --- ### 4. Certification & Compliance The **"/CE"** suffix indicates that the electronic parts meet European safety, health, and environmental protection requirements: * **EN 61000-6-2:** Immunity for industrial environments. * **EN 61000-6-4:** Emission standard for industrial environments. * **RoHS Compliance:** Lead-free soldering and hazardous substance restriction. ---
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of the M2REB-RBC encoder?
    • ⤷ How do I replace the battery backup for the multi-turn memory?
    • ⤷ Is this encoder compatible with Yaskawa or Mitsubishi servo drives?