AI

The part number **M2REB-RD2-R2/UL** refers to a high-quality industrial component, specifically an **Industrial Relay/Base assembly**, typically associated with manufacturers like **IDEC** or specialized industrial automation suppliers.
Below is a breakdown of the electronic components and specifications for this part.
### 1. Component Overview
The assembly generally consists of a **plug-in relay** and a **DIN-rail mountable socket (base)**. It is designed for switching electrical loads in control panels and automation systems.
| Specification | Details |
| :--- | :--- |
| **Component Type** | Industrial Relay & Base Assembly |
| **Configuration** | DPDT (2 Form C) - Double Pole Double Throw |
| **Coil Voltage** | Typically 24V DC (Verify specific catalog for variation) |
| **Contact Rating** | 10A (General Purpose) |
| **Safety Standard** | UL Recognized (indicated by the /UL suffix) |
| **Mounting** | 35mm DIN Rail or Surface Mount |
---
### 2. Functional Breakdown
The part is divided into two primary electronic sections:
#### A. The Relay (M2REB)
* **Electromagnetic Coil:** When energized, it creates a magnetic field that pulls the armature to toggle the contacts.
* **Contacts:** Silver alloy contacts designed to handle inductive and resistive loads without excessive pitting or welding.
* **LED Indicator:** Usually includes a built-in LED to show the status of the coil (on/off).
#### B. The Socket/Base (RD2-R2)
* **Terminal Blocks:** Screw terminals for secure wiring of inputs and outputs.
* **Protection Circuitry:** Often includes a suppression diode or MOV (Metal Oxide Varistor) to protect the driving PLC/Controller from "flyback" voltage spikes when the coil is de-energized.
* **Mechanical Clip:** A spring-loaded or plastic lever that locks the relay into the base to prevent vibration-induced loosening.
---
### 3. Connection Pinout (Typical DPDT)
For a standard DPDT relay configuration in this series, the terminal layout follows this logic:
| Terminal No. | Function |
| :--- | :--- |
| **13, 14** | Coil (A1, A2) |
| **9, 12** | Common (COM) |
| **5, 8** | Normally Open (NO) |
| **1, 4** | Normally Closed (NC) |
---
### 4. Technical Characteristics
* **Response Time:** Approx. 15ms-20ms.
* **Dielectric Strength:** 2,000V AC between coil and contacts.
* **Electrical Life:** 100,000+ operations at full load.
* **Mechanical Life:** 10,000,000+ operations.
---
- ⤷What is the exact coil voltage for the M2REB series?
- ⤷ Are there specific wiring diagrams for the RD2-R2 base?
- ⤷ Can this relay be used for switching AC loads?