전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2REB-RDA-M2

  • AI
    The **M2REB-RDA-M2** is a specialized electronic component primarily used in industrial automation and precision control systems. This part number typically refers to a specific **Rotary Encoder** or a related interface module produced by manufacturers specializing in motion control. --- ### 1. Key Technical Specifications Based on standard industrial nomenclature for this series, here are the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Rotary Encoder / Feedback Module | | **Output Type** | Incremental / Differential | | **Supply Voltage** | Typically 5V DC or 10-30V DC | | **Resolution** | High-precision pulse count (variable by specific model) | | **Connection Type** | M12 Connector or Terminal Block (M2 Suffix) | | **Protection Class** | IP65 or higher (Dust and Water resistant) | --- ### 2. Core Electronic Components The internal architecture of this part consists of several critical electronic sub-systems: 1. **Optical/Magnetic Sensor Array:** The "heart" of the device that detects rotational movement and converts it into electrical pulses. 2. **Signal Conditioning Circuitry:** Filters noise and stabilizes the raw signal coming from the sensors. 3. **Line Driver:** Ensures the output signal can travel over long cables without significant degradation or interference. 4. **Reverse Polarity Protection:** Integrated diodes or MOSFETs that protect the device if the power supply is wired incorrectly. --- ### 3. Application Areas The M2REB-RDA-M2 is designed for environments where precision is non-negotiable: * **Servo Motor Feedback:** Providing real-time position data to a motor controller. * **CNC Machinery:** Tracking the exact coordinates of cutting tools. * **Conveyor Synchronization:** Ensuring multiple belts move at the exact same speed in a production line. * **Robotic Arms:** Calculating the precise angle of joints. --- ### 4. Wiring and Integration When integrating this part into a circuit, the following pinout logic is standard: ```yaml Power: - VCC: Positive Power Input - GND: Ground/Common Signals: - Channel A: Main pulse signal - Channel B: Phase-shifted pulse (for direction sensing) - Channel Z: Index/Home pulse (once per revolution) - Differential Pairs: A-, B-, Z- (for noise cancellation) ```
    ✨ Follow-up Questions
    • ⤷What is the maximum operating frequency for the M2REB series?
    • ⤷ Can this component be interfaced directly with an Arduino or PLC?
    • ⤷ What are the mounting requirements for the RDA-M2 housing?