전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2REB-RDC-R/CE

  • AI
    The **M2REB-RDC-R/CE** is a high-performance, industrial-grade **Remote Device Controller (RDC)** module, typically used in marine, automotive, or industrial automation environments. These units are designed to interface with Electronic Control Units (ECUs) to manage power distribution, signal processing, and communication protocols. --- ### 1. Technical Specifications The core electronic architecture is built to withstand harsh environments while maintaining high-speed data integrity. | Feature | Specification | | :--- | :--- | | **Input Voltage** | Typically 9V – 32V DC (Supports 12V/24V systems) | | **Communication Interface** | CAN Bus (J1939), RS-485, or Ethernet | | **I/O Configuration** | Configurable Analog Inputs, Digital Outputs (PWM capable) | | **Operating Temperature** | -40°C to +85°C | | **Protection Rating** | IP67 (Dust tight and water immersion resistant) | | **Compliance** | CE Certified, RoHS compliant | --- ### 2. Key Electronic Components #### A. Microcontroller Unit (MCU) At the heart of the RDC is a high-reliability MCU (often ARM-based) that handles logic processing. It manages the real-time execution of control algorithms and monitors the health of connected peripherals. #### B. Power Management Integrated Circuit (PMIC) The power stage includes robust filtering and regulation components: * **TVS Diodes:** Protect against transient voltage spikes common in heavy machinery. * **Voltage Regulators:** Convert unstable battery power into clean 3.3V or 5V rails for internal logic. #### C. Communication Transceivers * **CAN Transceiver:** Enables the device to "talk" to the rest of the vehicle or machine network. * **Isolation Transformers/Optocouplers:** Often used to prevent electrical noise from the motor/actuators from damaging the logic circuits. #### D. Solid State Power Controllers (SSPCs) Unlike traditional relays, these units use high-side MOSFET switches to control power. This allows for: * **Over-current protection** (electronic fusing). * **PWM Control:** Precise speed or brightness control for connected loads. --- ### 3. Usage & Implementation To integrate the M2REB-RDC-R/CE, developers typically use a proprietary configuration tool or standard CANopen/J1939 messaging. ```json { "device_type": "Remote_Controller", "protocol": "CAN_J1939", "function": "Load_Shedding_and_Signal_Routing", "safety_features": ["Thermal_Shutdown", "Short_Circuit_Detection"] } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the M2REB-RDC-R/CE connector?
    • ⤷ Does this controller support the NMEA 2000 protocol for marine use?
    • ⤷ How do I configure the digital outputs for PWM signal generation?