전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2REB-S21-R2

  • AI
    The **M2REB-S21-R2** is a specific electronic component typically associated with industrial automation, specifically within the realm of **positioning sensors** or **rotary encoders**. This part number is often linked to brands like *Panasonic* or *Nais* (frequently used in surface mount technology or robotic arms). --- ## Technical Specifications & Characteristics Below is a breakdown of the typical electronic attributes of this component category: | Parameter | Description | | :--- | :--- | | **Component Type** | Magnetic or Optical Rotary Encoder / Sensor | | **Connection Type** | Surface Mount (SMT) or specialized connector interface | | **Resolution** | High-precision pulse count for position tracking | | **Voltage Range** | Typically operates at 5V DC or 12V-24V DC depending on the driver | | **Signal Output** | Incremental A/B phase signals (Quadrature) | --- ## Key Electronic Sub-Parts The M2REB-S21-R2 consists of several critical internal elements that allow it to function within a control loop: ### 1. Sensing Element * **The Disc/Magnet:** If optical, it uses a slotted disc; if magnetic, it uses a multi-pole magnet. * **The Detector:** A photo-transistor array or a Hall-effect IC that converts physical rotation into electrical pulses. ### 2. Signal Processing Circuitry * **Operational Amplifiers (Op-Amps):** Used to buffer and amplify the weak signals from the detector. * **Schmitt Triggers:** These components are used to "square up" the waveform, converting analog sine-waves into clean digital square waves (Logic 0 and Logic 1). ### 3. Connection Interface * **Output Pins:** Typically includes VCC (Power), GND (Ground), Phase A, Phase B, and sometimes a Z-Phase (Index pulse for zero-positioning). * **Housing:** R2 often denotes a specific revision or packaging style, usually designed for high-vibration environments. --- ## Typical Applications This part is commonly integrated into: 1. **Servo Motors:** To provide feedback on shaft position and speed. 2. **SMT Pick-and-Place Machines:** Specifically in feeder units or head rotation axes. 3. **Medical Equipment:** For precise control of moving parts in imaging or robotic surgery. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the M2REB series?
    • ⤷ How does the R2 revision differ from the R1 version?
    • ⤷ Is the M2REB-S21-R2 compatible with 5V TTL logic?