전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2REB-S31-R/N

  • AI
    The **M2REB-S31-R/N** belongs to a specialized series of industrial magnetic encoders, typically used in automation, robotics, and motor control. This specific part number represents a magnetic sensing head designed to read a magnetic scale or ring. --- ### 1. Technical Specifications Overview Below is a breakdown of the typical electronic and mechanical characteristics associated with this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Sensor Type** | Non-contact Magnetic Incremental Encoder | | **Output Signal** | Line Driver (RS422) or Push-Pull | | **Resolution** | Up to 1μm (depends on the interpolation setting) | | **Supply Voltage** | 5V DC or 10-30V DC | | **Max Frequency** | 500 kHz - 1 MHz | | **Operating Temp** | -20°C to +85°C | | **Protection Class** | IP67 (High resistance to dust, oil, and moisture) | --- ### 2. Breakdown of the Part Number Components While naming conventions can vary slightly by manufacturer (such as *Mutoh* or *Lika*), the "M2REB" designation usually follows this logic: * **M2REB:** The series identifier for a compact magnetic reading head. * **S31:** Indicates the physical size and the compatible magnetic pole pitch (e.g., 2mm or 5mm pole pitch). * **R/N:** * **R:** Refers to the Reference signal (Index mark/Zero pulse). * **N:** Often indicates the cable termination type (e.g., Flying leads or No connector). --- ### 3. Electronic Architecture The internal circuitry consists of three primary stages: #### A. Magnetoresistive (MR) or Hall Effect Bridge The core contains an array of sensors that detect the sinusoidal magnetic field generated by a magnetic tape or ring. As the head moves, it produces two analog signals (Sine and Cosine). #### B. Interpolation Logic An internal ASIC (Application Specific Integrated Circuit) converts these analog sine/cosine waves into digital square waves (A and B channels). The phase shift between A and B is 90°, allowing the controller to determine direction. #### C. Output Drivers The signal is buffered through a line driver (usually compliant with **EIA-422**). This ensures: * High noise immunity over long cable runs. * Differential signaling (A, /A, B, /B, Z, /Z) to cancel out electromagnetic interference (EMI). --- ### 4. Typical Applications * **CNC Machinery:** Feedback for linear axes. * **Medical Equipment:** Precise positioning for scanning tables. * **Harsh Environments:** Since it is magnetic and non-contact, it functions where optical encoders fail due to oil, dust, or vibration.
    ✨ Follow-up Questions
    • ⤷ What is the compatible magnetic pole pitch for the S31 model?
    • ⤷ What are the specific wiring color codes for the RS422 output?
    • ⤷ How does the mounting gap distance affect the signal accuracy of this encoder?