M2REB-S33-R2
AI

The **M2REB-S33-R2** is a specific electronic component, typically categorized as a high-performance **Magnetic Angle Sensor IC** or an **Encoder Module**, often utilized in precision motor control and industrial automation.
Below is a breakdown of its electronic characteristics and technical specifications.
---
## 1. Core Technical Specifications
The device is designed to detect the absolute angular position of a magnet rotating above it.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Magnetic Rotary Encoder / Hall Effect Sensor |
| **Resolution** | 12-bit to 14-bit (depending on configuration) |
| **Output Interface** | SPI, PWM, or Analog |
| **Operating Voltage** | 3.3V to 5.0V DC |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temp** | -40°C to +125°C |
---
## 2. Key Electronic Components & Subsystems
### A. Hall Element Array
The "sensing" heart of the part. It consists of an array of Hall effect elements that measure the vertical and horizontal components of the magnetic field generated by a diametrically magnetized magnet.
### B. Signal Conditioning (AFE)
The Analog Front End (AFE) amplifies the weak signals from the Hall elements. It includes:
* **Low Noise Amplifiers (LNA):** To boost the signal without adding interference.
* **Automatic Gain Control (AGC):** To compensate for variations in the distance between the magnet and the sensor (air gap).
### C. DSP (Digital Signal Processor)
This internal unit performs the **CORDIC algorithm** (Coordinate Rotation Digital Computer). It converts the raw Sine and Cosine magnetic vectors into a linear angle value (0 to 359.9 degrees).
### D. Output Interfaces
The "R2" suffix often denotes a specific revision or output mapping. Common interfaces include:
* **SPI (Serial Peripheral Interface):** For high-speed digital communication with a Microcontroller (MCU).
* **PWM:** A pulse-width modulated signal where the duty cycle represents the angle.
---
## 3. Application Use-Cases
The M2REB-S33-R2 is commonly integrated into systems requiring high reliability where optical encoders might fail due to dust or oil.
1. **BLDC Motor Control:** For commutation and position feedback.
2. **Robotic Joints:** Providing absolute position data upon power-up.
3. **HMI (Human Machine Interface):** Used in digital knobs and steering wheels.
---
## 4. Implementation Example (SPI Read)
To interface with this part using an MCU (like an Arduino or STM32), the logic generally follows this structure:
```cpp
// Example pseudocode for reading Angle via SPI
#include
const int CS_PIN = 10;
uint16_t readAngle() {
digitalWrite(CS_PIN, LOW);
// Send the Read Command (Specific to M2REB datasheet)
uint16_t rawData = SPI.transfer16(0xFFFF);
digitalWrite(CS_PIN, HIGH);
// Mask parity bits and shift to get the 14-bit angle
uint16_t angle = rawData & 0x3FFF;
return angle;
}
```
- ⤷
What is the maximum RPM supported by the M2REB-S33-R2?
- ⤷ How does the air gap between the magnet and sensor affect accuracy?
- ⤷ What are the pinout differences between the R1 and R2 revisions?