전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2REB-S3D-R2

  • AI
    Based on your inquiry, the part number **M2REB-S3D-R2** corresponds to a specialized electronic component, typically associated with **RECOM Power** or similar high-reliability power module manufacturers. This specific part belongs to a series of DC/DC converters designed for industrial or medical applications. --- ### 1. Component Overview The M2REB-S3D-R2 is a **DC/DC Converter Module**. These modules are used to step up, step down, or isolate voltage levels within a circuit to provide stable power to sensitive electronic components. ### 2. Technical Specifications While specific datasheets can vary by manufacturer revision, the standard parameters for this class of component are as follows: | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 4.5V - 5.5V DC (Standard 5V Input) | | **Output Voltage** | Dual Output (±12V or ±15V typically) | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 1kV to 3kV DC | | **Mounting Type** | Through-Hole (THT) | | **Package / Case** | SIP7 (Single In-line Package) | ### 3. Key Electronic Characteristics * **Isolation:** The "R2" suffix often denotes a specific isolation rating (e.g., 2kV). This prevents noise or high-voltage spikes from the input side from reaching the output side. * **Efficiency:** Designed for high efficiency (typically 75-85%) to minimize heat dissipation in compact enclosures. * **Regulation:** This model is usually **unregulated**, meaning the output voltage may fluctuate slightly based on the load. * **Short Circuit Protection:** Most modern iterations include continuous short-circuit protection to prevent board damage. ### 4. Typical Applications * **Industrial Automation:** Powering sensors and actuators that require isolated dual rails. * **Data Acquisition:** Providing clean power to Operational Amplifiers (Op-Amps) and Analog-to-Digital Converters (ADCs). * **Communication Ports:** Isolating RS-232 or RS-485 interfaces. --- ### Pin Configuration (General SIP7) | Pin Number | Function | | :--- | :--- | | 1 | +Vin (Input Voltage) | | 2 | -Vin (GND) | | 4 | -Vout (Negative Output) | | 5 | Common (Output Ground) | | 6 | +Vout (Positive Output) |
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for the R2 variant?
    • ⤷ Does this component require external filtering capacitors for low noise?
    • ⤷ What are the thermal derating limits for this module?