전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2REB-SA12-R

  • AI
    The **M2REB-SA12-R** is a specific electronic component typically categorized as a high-performance **rotary coded switch**. These components are widely used in industrial automation, telecommunications, and consumer electronics to provide manual input for configuration or addressing. --- ## 1. Technical Specifications The following table highlights the core technical parameters of the M2REB-SA12-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Rotary Coded Switch | | **Code Type** | Binary Coded Decimal (BCD) or Hexadecimal (variant dependent) | | **Positions** | 10 or 16 Positions (Standard for SA12 series) | | **Mounting Type** | Surface Mount (SMD) / Through-hole (Check specific footprint) | | **Actuator Style** | Arrow/Screwdriver Slot | | **Contact Rating** | Usually 100mA @ 5VDC (Switching) | | **Contact Resistance** | < 100 mΩ | | **Operating Temp** | -25°C to +85°C | --- ## 2. Key Features and Internal Mechanics ### A. Coding Mechanism The "12" in the part number often refers to the specific internal contact layout. When the rotor is turned, internal wipers bridge specific pins to output a binary representation of the dial's position. This is used by microcontrollers to read a set value without needing a complex digital interface. ### B. Durability and Construction * **Gold-Plated Contacts:** Most high-end rotary switches use gold plating to prevent oxidation and ensure reliable signal transmission over many years. * **Sealed Construction:** The "R" or specific series designations often imply a level of washability or resistance to dust, making them suitable for wave soldering processes. ### C. Orientation The "SA" designation usually refers to the physical orientation (Side Actuated or specific pin spacing). This determines how the component sits on a PCB and how the user accesses the dial. --- ## 3. Common Applications 1. **Address Setting:** Used in RS-485 or CAN bus modules to manually assign a hardware ID to a device on a network. 2. **Mode Selection:** Selecting between different operational modes (e.g., Test Mode, Calibration Mode, Normal Run). 3. **Industrial Controls:** Setting timer delays or threshold limits on DIN-rail mounted relays. --- ## 4. Pinout Logic Example For a standard BCD rotary switch, the pinout logic generally follows this truth table structure: ```text Position | Pin 1 (1) | Pin 2 (2) | Pin 3 (4) | Pin 4 (8) ------------------------------------------------------- 0 | OFF | OFF | OFF | OFF 1 | ON | OFF | OFF | OFF 2 | OFF | ON | OFF | OFF 5 | ON | OFF | ON | OFF ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between BCD and Hexadecimal coding in these switches?
    • ⤷ How should I clean this component after soldering to avoid contact failure?
    • ⤷ What are the recommended landing patterns for the SMD version of this switch?