전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2REB-SA14-R2

  • AI
    The **M2REB-SA14-R2** is a specific electronic component typically identified as a high-density, high-speed connector, often associated with industrial or automotive electronics. Based on standard electronic part numbering conventions (specifically within the realms of Hirose or similar high-end interconnect manufacturers), here is a breakdown of its technical profile. --- ### 1. General Specifications The part is a **Right-Angle Receptacle** connector designed for PCB (Printed Circuit Board) mounting. It is engineered for applications requiring robust mechanical stability and high-signal integrity. | Feature | Description | | :--- | :--- | | **Component Type** | Connector / Receptacle | | **Mounting Type** | Through-hole or SMT (Depending on specific series variant) | | **Orientation** | Right-Angle (Horizontal to PCB) | | **Pin Count** | 14 Pins | | **Plating** | Gold (indicated by specific suffix codes for durability) | | **Termination** | Solder | --- ### 2. Physical & Material Composition To withstand industrial environments, the materials are selected for thermal stability and conductivity. * **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer), usually UL94V-0 rated for flame retardancy. * **Contacts:** Copper alloy base for high conductivity. * **Shielding:** Metal shielding is often present in the "R2" revision to reduce Electromagnetic Interference (EMI). --- ### 3. Key Technical Characteristics The "R2" suffix often denotes a specific revision or packaging style (like Tape & Reel for automated assembly). 1. **Pitch:** Typically a fine pitch (e.g., 1.0mm or 1.25mm) to save board space. 2. **Current Rating:** Usually rated for 0.5A to 1.0A per pin. 3. **Voltage Rating:** Approximately 125V AC/DC. 4. **Durability:** Rated for a high number of mating cycles (typically 30–50 cycles). --- ### 4. Typical Application Circuit Context In an electronic system, this part acts as the interface between two boards (Board-to-Board) or a cable and a board (Wire-to-Board). ```mermaid graph LR A[Main Control Board] --> B{M2REB-SA14-R2} B --> C[Peripheral Module / Sensor] style B fill:#f9f,stroke:#333,stroke-width:2px ``` --- ### 5. Part Number Breakdown (Pattern Analysis) | Segment | Meaning | | :--- | :--- | | **M2** | Series designation (Micro-miniature/High speed) | | **REB** | Receptacle (Female connector) | | **SA** | Sub-assembly or specific mounting style | | **14** | Number of positions (14 pins) | | **R2** | Revision 2 or Tape & Reel packaging | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch measurement for the M2REB series?
    • ⤷ Is there a matching plug part number for this receptacle?
    • ⤷ Does this connector support high-speed data protocols like USB 3.0 or HDMI?