전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2REB-SBB-R2

  • AI
    The **M2REB-SBB-R2** is a specific part number typically associated with high-performance storage interface adapters or solid-state drive (SSD) carrier cards. Specifically, this model is a **Dual M.2 NVMe to PCIe 3.0/4.0 x8/x16 Retimer or Bridge Card**, often used in server and workstation environments to expand storage capabilities. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface Type** | PCIe x8 or x16 (varies by motherboard configuration) | | **Drive Support** | 2x M.2 NVMe SSDs | | **Form Factor** | Low Profile / Half-Length | | **Bus Standard** | PCIe 3.0 / PCIe 4.0 Compatible | | **Keying** | M-Key (for NVMe SSDs) | --- ### 2. Key Electronic Components The "R2" in the part number often signifies a second revision of the PCB layout, optimized for better signal integrity. The primary electronic sections include: #### A. The Bridge/Switch IC (The "Brain") Unlike passive M.2 adapters that rely on motherboard PCIe bifurcation, the M2REB-SBB-R2 typically utilizes an onboard **PCIe Switch** or **Retimer chip** (often from manufacturers like Broadcom/PLX or Microsemi). * **Function:** It manages the data lanes between the host CPU and the two M.2 drives. * **Benefit:** Allows the card to work on motherboards that do not support bifurcation (splitting x16 into x4/x4/x4/x4). #### B. Power Management Circuitry * **DC-to-DC Converters:** Converts the 12V rail from the PCIe slot down to the **3.3V** required by M.2 SSDs. * **Voltage Regulators (LDOs):** Ensure a steady, ripple-free current to prevent data corruption during high-speed read/write operations. * **Bulk Capacitors:** Provide energy storage to handle sudden power draws when the SSDs move from idle to full load. #### C. Signal Integrity Components * **Differential Pair Routing:** The PCB traces are designed with specific impedance to handle high-frequency signals (up to 16GT/s for Gen4). * **Coupling Capacitors:** Small ceramic capacitors placed in series with the high-speed data lines to block DC bias while letting the AC data signals pass through. #### D. Thermal & Monitoring * **Activity LEDs:** Small surface-mount LEDs that blink to indicate data transfer. * **Thermal Pads/Heatsinks:** Often includes a thermal interface material to dissipate heat from the SSDs into the metal bracket or ambient air. --- ### 3. Usage Scenarios 1. **Server Expansion:** Adding high-speed cache drives to a 1U or 2U server. 2. **RAID Configurations:** Using software RAID (like MDADM or Windows Storage Spaces) to combine two drives for speed or redundancy. 3. **Legacy Upgrades:** Providing NVMe support to older workstations that lack native M.2 slots. ---
    ✨ Follow-up Questions
    • ⤷ Does this specific card require PCIe bifurcation to be enabled in the BIOS?
    • ⤷ What is the maximum data throughput supported by the M2REB-SBB-R2?
    • ⤷ Is this card compatible with SATA-based M.2 drives or only NVMe?