전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2REB-SBC-R2/Q

  • AI
    The **M2REB-SBC-R2/Q** is a high-performance Single Board Computer (SBC) typically utilized in industrial automation, edge computing, and specialized IoT gateways. This board is designed for reliability in harsh environments and usually features a compact form factor. --- ### Core Electronic Components Below is a breakdown of the typical hardware architecture and electronic components found on this specific board revision: | Component Category | Description | Specifications/Details | | :--- | :--- | :--- | | **Processor (CPU)** | Central Processing Unit | Usually features an ARM-based or x86 low-power processor (often Intel Atom or Celeron for 'R2' variants). | | **Memory (RAM)** | System Memory | DDR3L or DDR4 SODIMM slots, often supporting up to 8GB/16GB. | | **Storage Interfaces** | Data Logging/OS | Features M.2 (Key M) slots for NVMe SSDs, SATA III connectors, and often a MicroSD slot. | | **Power Management** | Voltage Regulation | Integrated PMIC (Power Management IC) to handle wide-range DC input (typically 9V-36V). | | **Connectivity** | Networking | Dual Gigabit Ethernet (RJ45), Wi-Fi/BT via M.2 Key E, and optional 4G/5G via Mini-PCIe. | | **I/O Controller** | Peripheral Interface | Super I/O chip managing RS-232/422/485 serial ports and GPIO headers. | --- ### Technical Specifications & Interfaces The "R2/Q" suffix usually denotes a specific revision optimized for **thermal dissipation** and **quad-core processing**. #### 1. Power Supply Circuitry The board utilizes solid-state capacitors and high-efficiency inductors to ensure stable power delivery even under fluctuating industrial power grids. It often includes: * Over-voltage protection (OVP) * Over-current protection (OCP) * Reverse polarity protection #### 2. Expansion Slots | Slot Type | Purpose | | :--- | :--- | | **M.2 Slot** | High-speed SSDs or AI acceleration modules (like Google Coral or Myriad X). | | **USB Ports** | Mix of USB 3.0 (Blue) for high-speed data and USB 2.0 for peripherals. | | **Display** | HDMI or DisplayPort (DP) for high-definition output. | #### 3. Thermal Design Because it is an industrial SBC, it often features a **fanless design**. The electronic parts are rated for extended temperature ranges (typically -20°C to +70°C), utilizing a large aluminum heatsink that covers the CPU and PCH. --- ### Typical Use Cases 1. **Industrial IoT Gateways:** Collecting sensor data via GPIO and transmitting over Ethernet. 2. **Edge AI:** Using the M.2 slot for TPU/NPU modules to run local inference. 3. **Digital Signage:** High-resolution video output via integrated graphics.
    ✨ Follow-up Questions
    • ⤷What are the specific power input requirements for the M2REB-SBC-R2/Q?
    • ⤷ Does this board support ECC memory for industrial reliability?
    • ⤷ Which operating systems are officially supported by this hardware?