전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2REB-SCA-R/Q

  • AI
    The **M2REB-SCA-R/Q** is a high-performance, automotive-grade system-on-module (SoM) or controller typically used in advanced driver-assistance systems (ADAS) and cockpit electronics. It is part of the **R-Car family** (specifically targeting the V3M or V3H series) designed by Renesas Electronics. --- ### 1. Key Technical Specifications The "R/Q" suffix usually denotes specific packaging or qualification grades (such as AEC-Q100 for automotive reliability). | Component | Description | | :--- | :--- | | **Processor Arch** | Dual or Quad ARM Cortex-A53 cores + Dual Cortex-R7 (Real-time) | | **GPU/Accelerator** | Integrated PowerVR GPU and dedicated Image Recognition Engine | | **Memory Support** | LPDDR4 / LPDDR4X SDRAM | | **Storage Interface** | eMMC 5.1 and HyperFlash support | | **Video Processing** | ISP (Image Signal Processor) for 4K camera input | | **Automotive Grade** | ASIL-B / ASIL-C safety compliance | --- ### 2. Functional Blocks The electronic architecture of this part is divided into three main functional domains: #### A. Vision & AI Acceleration This part features dedicated hardware for computer vision. It includes: - **IMP-X5:** A specialized programmable engine for image processing. - **CNN Acceleration:** Hard-coded logic to run deep learning inference (object detection, lane departure warnings). #### B. Connectivity Interfaces To function within a vehicle's electronic control unit (ECU), it utilizes: - **CAN/CAN-FD:** For communication with the vehicle's body control module. - **Ethernet AVB/TSN:** High-speed data transfer for sensor fusion. - **LVDS/MIPI CSI-2:** For direct high-definition camera inputs. #### C. Power Management (PMIC) The "M2" series modules are usually paired with a specific **Power Management Integrated Circuit (PMIC)**. This ensures the complex voltage rails (0.8V for core, 1.1V for DDR, 3.3V for I/O) are sequenced correctly to prevent thermal runaway. --- ### 3. Application Use Cases 1. **Front Camera Systems:** Real-time traffic sign recognition and pedestrian detection. 2. **Surround View:** Stitching images from four or more cameras to create a 360-degree bird's-eye view. 3. **Sensor Fusion:** Combining Radar and Camera data to provide adaptive cruise control. --- ### 4. Hardware Pinout & Form Factor The module typically utilizes a high-density BGA (Ball Grid Array) or a specialized board-to-board connector system to maintain signal integrity under high-vibration automotive environments.
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the M2REB series?
    • ⤷ How does the IMP-X5 engine differ from a standard GPU in this chip?
    • ⤷ Which Renesas R-Car SoC generation does this part belong to?