전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2REB-SD3-R/N

  • AI
    The **M2REB-SD3-R/N** is a specialized electronic component, typically classified as a **Magnetic Card Reader Module**. These modules are widely used in Point of Sale (POS) terminals, access control systems, and data collection devices. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The device is designed to read encoded data from magnetic stripes on cards (such as credit cards, ID cards, or loyalty cards) and convert that analog magnetic signal into a digital format. | Feature | Specification | | :--- | :--- | | **Component Type** | Magnetic Stripe Reader (MSR) Module | | **Interface** | Serial (TTL) or USB (depending on specific pinout) | | **Tracks Supported** | Usually Triple Track (Tracks 1, 2, and 3) | | **Read Speed** | 10 to 150 cm/sec (approximate) | | **Supply Voltage** | +3.3V to +5V DC | | **Decoding IC** | Integrated F2F (Frequency/Double Frequency) Decoder | --- ### 2. Key Electronic Sub-assemblies #### A. Magnetic Head The physical interface that makes contact with the card. It consists of a core and a coil that detects changes in magnetic flux as the card is swiped. #### B. Preamplifier Circuit The signal from the magnetic head is extremely weak (millivolts). This stage amplifies the analog signal and filters out electromagnetic interference (EMI) to ensure data integrity. #### C. F2F Decoder Logic Magnetic stripe data is encoded using the **Aiken Biphase (F2F)** format. The internal circuitry: 1. Detects peak transitions. 2. Converts time intervals between transitions into binary `1`s and `0`s. 3. Buffers the data for transmission to the host controller. --- ### 3. Pinout and Connectivity (Standard Layout) While specific variations exist, most modules in this series utilize a standard pin header: | Pin Number | Signal Name | Description | | :--- | :--- | :--- | | 1 | **GND** | Ground | | 2 | **VCC** | Power Supply (+5V or +3.3V) | | 3 | **DATA** | Serial data output | | 4 | **CLOCK** | Synchronous clock signal | | 5 | **CLS** | Card Loaded Signal (Detects card presence) | --- ### 4. Technical Usage Notes * **Operating Environment:** These parts are sensitive to dust and magnetic interference. They should be shielded from motors or power transformers. * **Data Format:** The output usually follows the ISO 7811 standard for magnetic cards. * **Power Consumption:** Extremely low (typically < 10mA in standby), making it suitable for battery-powered handheld devices. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between Track 1
    • ⤷ 2
    • ⤷ and 3 data formats?
    • ⤷ How do I interface this module with an Arduino or Raspberry Pi?
    • ⤷ What are the common causes of read errors in these magnetic modules?