전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2REB-SD3-R2

  • AI
    ## Overview: M2REB-SD3-R2 The **M2REB-SD3-R2** is a specific model identifier typically associated with **M.2 to SD Card / MicroSD Card Adapters** or specialized expansion modules used in industrial computing and embedded systems. These parts allow an M.2 (NGFF) slot to act as an interface for high-speed storage via SD cards. --- ### Technical Specifications The following table outlines the typical electronic characteristics of this component category: | Parameter | Specification | | :--- | :--- | | **Interface Type** | M.2 (NGFF) Key B or Key B+M | | **Supported Storage** | SD / SDHC / SDXC (UHS-I) | | **Voltage Supply** | 3.3V (Standard M.2 rail) | | **Controller** | Realtek or Genesys Logic Bridge Chip | | **Data Transfer Rate** | Up to 104 MB/s (SDR104 mode) | | **Form Factor** | M.2 2242 or 2230 | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### Electronic Components & Architecture The circuitry of the M2REB-SD3-R2 generally consists of three primary functional blocks: #### 1. The Bridge Controller The heart of the module is an **integrated bridge chip** (often a PCIe-to-SD or USB-to-SD controller). - It translates the PCIe or USB signals from the M.2 pins into the SD protocol. - It manages error correction and wear leveling for the connected SD media. #### 2. Power Management (PMIC) Since SD cards require stable voltage to prevent data corruption, the board includes: - **LDO Regulators:** To step down or stabilize the 3.3V from the M.2 slot. - **Decoupling Capacitors:** Small SMD capacitors placed near the SD slot to filter high-frequency noise. #### 3. Signal Protection - **ESD Protection Diodes:** Located near the SD card entry point to protect the internal silicon from static electricity during card insertion. - **Termination Resistors:** Used to match impedance and reduce signal reflections on high-speed data lines. --- ### Pinout and Connectivity The M2REB-SD3-R2 utilizes the **M.2 Key B** pinout, which is commonly used for WAN (LTE/5G) or storage expansion. ```markdown Pin Configuration (Simplified): - Pins 1-11: Power and Ground (GND/3.3V) - Pins 12-19: USB 2.0 / PCIe Lane signals (depending on specific model variant) - Pins 20-75: Interface control signals and reserved pins ``` --- ### Key Applications * **Industrial IoT:** Adding removable logging storage to fanless PC units. * **Embedded Systems:** Providing a bootable OS drive via an SD card where SSDs are not cost-effective. * **Data Recovery:** Testing SD cards through a high-speed motherboard interface.
    ✨ Follow-up Questions
    • ⤷ What is the maximum SD card capacity supported by the M2REB-SD3-R2?
    • ⤷ Does this module require specific drivers for Windows or Linux?
    • ⤷ Can this adapter be used in an M.2 Key M (NVMe) slot?