전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RS-0E-R

  • AI
    ## Understanding the M2RS-0E-R Relay The **M2RS-0E-R** is an electronic plug-in power relay, typically associated with the **M2RS series**. These components are widely used in industrial automation for signal switching, isolation, and control logic. ### 1. Key Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Contact Type** | DPDT (2 Form C) | | **Coil Voltage** | 24V AC/DC (Standard for -0E suffix) | | **Contact Rating** | 5A to 10A @ 250VAC / 30VDC | | **Mounting Style** | Plug-in (8-pin circular or blade base) | | **Feature** | LED Indicator / Mechanical flag | --- ### 2. Internal Electronic Components The device is composed of several critical parts that work together to facilitate switching: #### A. The Electromagnetic Coil * **Function:** Converts electrical energy into a magnetic field. * **Operation:** When current flows through the copper windings, it creates a magnetic pull that moves the internal armature. #### B. Contact Assembly * **Stationary Contacts:** Fixed points connected to the output terminals. * **Movable Armature:** The "swinging" part that physically opens or closes the circuit. * **Material:** Often made of silver-nickel (AgNi) or silver-tin-oxide (AgSnO2) to prevent oxidation and welding under high loads. #### C. Built-in LED & Protection * **Indicator LED:** A small light-emitting diode wired in parallel with the coil to show when the relay is energized. * **Flyback Diode (DC versions):** Often included to suppress voltage spikes when the coil is de-energized, protecting sensitive driving electronics. --- ### 3. Application Use Cases The M2RS-0E-R is commonly found in the following electronic environments: 1. **PLC Outputs:** Acting as an interposing relay to switch high-current loads from low-current PLC signals. 2. **Safety Interlocks:** Providing galvanic isolation between high-voltage power circuits and low-voltage control circuits. 3. **Signal Multiplexing:** Using the DPDT configuration to switch two separate signals simultaneously. --- ### 4. Wiring Reference (Typical 8-Pin) | Pin Number | Function | | :--- | :--- | | **2 & 7** | Coil Input | | **1 & 8** | Common (COM) | | **3 & 6** | Normally Open (NO) | | **4 & 5** | Normally Closed (NC) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the M2RS-0E-R?
    • ⤷ How does a DPDT configuration differ from a SPDT in this relay?
    • ⤷ Is there a specific socket base recommended for the M2RS series?