전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RS-11-R

  • AI
    The **M2RS-11-R** refers to a high-performance **Industrial Safety Magnetic Switch (Reed Sensor)**, typically manufactured by brands like **IDEM Safety** or **ABB (Jokab Safety)**. These are non-contact safety switches used to monitor the position of guard doors, gates, and removable covers. --- ### 1. Technical Specifications Table | Parameter | Details | | :--- | :--- | | **Contact Configuration** | 2NC (Normally Closed) + 1NO (Normally Open) | | **Switching Method** | Magnetic Reed Switch | | **Max Voltage** | 230V AC / 24V DC | | **Max Current** | 0.5A - 2.0A (Model dependent) | | **Housing Material** | Red Polyester (Plastic) or Stainless Steel | | **Ingress Protection** | IP67 / IP69K (Wash-down resistant) | | **Operating Distance** | Make: 10mm; Break: 22mm | --- ### 2. Core Electronic Components The device consists of two separate units: the **Sensor (Switch)** and the **Actuator (Magnet)**. #### A. The Reed Switches The "Electronic" part of the sensor utilizes **Reed Contacts**. These are hermetically sealed glass tubes containing two metal reeds. * When the magnetic actuator is brought close, the magnetic field pulls the reeds together (Closing) or pushes them apart (Opening). * Because they are vacuum-sealed, they are immune to dust, moisture, and oxidation. #### B. Internal Circuit Protection The M2RS series often includes internal fuses or resistors to prevent damage from current surges. * **Safety Rating:** Designed for use in SIL3 (Safety Integrity Level) or PLe (Performance Level e) circuits when used with a safety relay. --- ### 3. Wiring Configuration The "11" in the part number often indicates the contact logic. Below is a typical wiring representation for a 2NC/1NO configuration: ```yaml Wire Color / Pin | Function | State (Door Closed) ------------------|------------------|-------------------- Black / White | Safety Contact 1 | Closed (NC) Red / Blue | Safety Contact 2 | Closed (NC) Green / Yellow | Auxiliary/Signal | Open (NO) ``` ### 4. Key Advantages * **Non-Contact:** No mechanical wear, leading to a long operational life (millions of cycles). * **Tolerance to Misalignment:** Unlike mechanical keys, the magnetic sensor can trigger even if the door is slightly sagging or misaligned. * **Hygiene:** The smooth plastic or stainless steel surface makes it ideal for food processing and pharmaceutical industries. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the M2RS-11-R and a Hall Effect safety switch?
    • ⤷ How do I wire this sensor to a safety monitoring relay?
    • ⤷ What is the maximum switching frequency for this reed sensor?