M2RS-3B-R/N
AI

The **M2RS-3B-R/N** is a specific model within the M2RS series of **Plug-in Super-Mini Signal Conditioners** (often manufactured by M-System). These devices are used in industrial automation to convert, isolate, and transmit electrical signals between field instruments and control systems (PLCs/DCS).
---
## 1. Technical Specifications Breakdown
The suffix code **3B-R/N** defines the core electronic characteristics of the unit:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Input Signal** | **3** | 0 – 1V DC |
| **Output Signal** | **B** | 2 – 10V DC |
| **Power Input** | **R** | 24V DC |
| **Option** | **N** | None (Standard configuration) |
---
## 2. Core Electronic Components & Architecture
The M2RS series utilizes a high-density PCB layout to achieve its "Super-Mini" form factor. Below are the primary internal sections:
### A. Input Stage (Signal Conditioning)
* **Precision Resistors:** High-stability resistors are used to scale the 0–1V DC input.
* **Operational Amplifiers (Op-Amps):** Low-drift amplifiers ensure high impedance on the input side so the source signal is not "loaded" down.
### B. Isolation Barrier
* **Optocouplers or Transformers:** The device provides **three-way isolation** (Input to Output to Power). This prevents ground loops and protects sensitive PLC inputs from high-voltage surges in the field.
* **Isolation Rating:** Typically 2000V AC @1 minute.
### C. Power Supply Section
* **DC/DC Converter:** Since the unit runs on 24V DC, an internal converter steps this down and regulates it to provide stable internal rails for the analog circuitry.
* **Filtering:** Capacitors and inductors are used to suppress electromagnetic interference (EMI).
### D. Output Stage
* **Voltage Driver:** Converts the processed internal signal into the **2–10V DC** range.
* **Zero/Span Adjustments:** Accessible potentiometers on the front panel allow for fine-tuning the electronic calibration of the output.
---
## 3. Physical Interface & Installation
The unit is designed for modularity and ease of maintenance:
* **Housing:** Flame-resistant black resin.
* **Connection:** 11-pin circular base (Standard plug-in style).
* **Mounting:** Can be mounted on a DIN rail or surface-mounted using a specific socket.
### Wiring Diagram Concept
```text
[ Field Sensor (0-1V) ] ----> [ Pins 1(+), 2(-) ]
|
[ M2RS-3B-R ]
|
[ PLC/Controller (2-10V) ] <--- [ Pins 4(+), 5(-) ]
[ 24V DC Power ] <------------- [ Pins 8(+), 9(-) ]
```
---
## 4. Performance Parameters
* **Accuracy:** $\pm 0.1\%$ of span.
* **Temperature Coefficient:** $\pm 0.015\%$ per degree Celsius.
* **Response Time:** $\leq 0.5$ seconds (0–90%).
* **Load Resistance:** Output must be $\geq 5000 \Omega$ for the 2–10V range to maintain accuracy.
---
- ⤷
What are the specific advantages of three-way isolation in this model?
- ⤷ Can the 2-10V output be adjusted to 0-10V manually?
- ⤷ Which socket models are compatible with the 11-pin M2RS-3B-R?