전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RS-3B-R2/N

  • AI
    The **M2RS-3B-R2/N** is a specific model of an **Industrial Interface Relay** (often associated with brands like Panasonic or specialized industrial control suppliers). It is designed to act as an intermediary between low-power control circuits (like a PLC) and high-power load circuits. --- ### 1. General Specifications The part number typically breaks down into technical attributes regarding its voltage, contact arrangement, and mounting style. | Feature | Specification | | :--- | :--- | | **Relay Type** | Slim Interface Relay / Electromagnetic | | **Contact Form** | 1 Form C (SPDT - Single Pole Double Throw) | | **Coil Voltage** | Typically 24V DC (Standard for /N suffix in many series) | | **Switching Capacity** | Up to 6A at 250V AC / 30V DC | | **Mounting Type** | DIN Rail Mounting (via socket) or PCB | | **Terminal Type** | Screw terminals (on the socket base) | --- ### 2. Key Electronic Components & Design The device consists of several critical electronic sub-parts that work together to provide isolation and switching. #### A. The Electromagnetic Coil * **Function:** Converts electrical energy into a magnetic field. * **Detail:** When the rated voltage (e.g., 24V) is applied, the coil creates a magnetic pull that moves the internal armature to change the state of the contacts. #### B. The Contact System (Silver Alloy) * **Material:** Often AgSnO2 (Silver Tin Oxide) for high arc resistance. * **Configuration:** It features a Common (COM), Normally Open (NO), and Normally Closed (NC) set of pins. #### C. Protection Circuitry (The "R2" and "/N" designation) Interface relays in this series often include built-in protection components: * **LED Indicator:** A small green or red LED to show when the coil is energized. * **Flyback Diode (Damping Diode):** Protects the driving transistor or PLC output from inductive voltage spikes when the coil is de-energized. * **Polarity Protection:** Ensures the relay is not damaged if the DC input is wired backward. --- ### 3. Application Use Cases This part is commonly used in the following electronic environments: 1. **PLC Output Isolation:** Protecting expensive PLC outputs from back-EMF or short circuits in the field. 2. **Signal Multiplication:** Using one low-power signal to trigger a larger load. 3. **Voltage Conversion:** Using a 24V DC control signal to switch a 230V AC motor or light. --- ### 4. Connection Diagram (Simplified) ```text Control Side (Input) Load Side (Output) [ +24V ] ----( Coil )---- [ 0V ] [ COM ] ---|--- [ NC ] | [ NO ] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the M2RS-3B-R2/N?
    • ⤷ Does this model require a specific DIN rail socket for installation?
    • ⤷ Can this relay be used with AC control voltages instead of DC?