M2RS-3F-R/N
AI

The **M2RS-3F-R/N** is a specific model of an industrial **Slim Interface Plug-in Relay** manufactured by **Dinkle**. This component is designed for space-saving applications in control panels and automation systems.
### 1. General Specifications
This relay serves as an interface between electronic control units (like PLCs) and high-power loads.
| Feature | Specification |
| :--- | :--- |
| **Type** | Slim Interface Relay |
| **Mounting Type** | DIN Rail (via Socket) / Plug-in |
| **Contact Configuration** | 1 Changeover (SPDT - 1 Form C) |
| **Body Width** | ~6.2 mm (Ultra-slim) |
| **Termination** | Screw or Push-in (depending on the base) |
---
### 2. Electronic Component Breakdown
The "M2RS-3F-R/N" nomenclature typically breaks down into the following technical parts:
#### A. The Coil (Input Side)
* **Voltage:** Usually operates on **24V DC** (common for industrial standards).
* **Protection:** Includes a built-in **Freewheeling Diode** (Flyback diode) to protect the driving circuit from inductive voltage spikes when the relay is de-energized.
* **Indication:** Features a **Green LED** indicator to provide visual status of the coil's excitation.
#### B. The Contacts (Output Side)
* **Material:** Often **AgSnO2** (Silver Tin Oxide), which provides excellent resistance to welding and material transfer.
* **Switching Capacity:** Typically rated for **6A at 250V AC / 30V DC**.
* **Electrical Life:** Approximately 100,000 cycles at rated load.
#### C. The Mechanical Housing
* **Extraction Lever:** Includes a plastic locking/ejection lever for easy replacement without disturbing the wiring.
* **Bridge Support:** Supports "Jumper" bars to commonize the power across multiple relay units.
---
### 3. Application Use Cases
This part is commonly found in:
1. **PLC Output Buffering:** Protecting PLC outputs from high-current inductive loads.
2. **Signal Isolation:** Electrically isolating sensitive control electronics from noisy field devices.
3. **Voltage Level Conversion:** Converting a 24V DC control signal to switch a 230V AC motor or valve.
---
### 4. Technical Diagram Representation
The internal logic can be represented as follows:
```mermaid
graph LR
A[Input +] --> B((Coil))
B --> C[Input -]
B -.-> D{LED Indicator}
E[Common] --- F[Normally Closed]
B -- Magnetic Pull --o G[Normally Open]
```
- ⤷
What is the difference between the R and N suffixes in this model number?
- ⤷ What is the maximum switching frequency for this relay?
- ⤷ Can this relay be used with AC input voltages?