전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RS-3F-R2/UL

  • AI
    The **M2RS-3F-R2/UL** is a specific model of an **Industrial Interface Relay** manufactured by companies like **Wago** or **Dinkle** (often used in PLC interface systems). It is designed to act as a bridge between low-power control signals (from a PLC or microcontroller) and high-power loads. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of this component: | Feature | Specification | | :--- | :--- | | **Component Type** | Electromechanical Relay Module | | **Coil Voltage** | 24V DC (Standard for R2 series) | | **Contact Configuration** | 1 Changeover (SPDT - Single Pole Double Throw) | | **Rated Load (Resistive)** | 6A at 250V AC / 30V DC | | **Mounting Type** | DIN Rail (TS-35) | | **Safety Certification** | UL Listed (Underwriters Laboratories) | | **Indication** | Built-in Green LED for status | --- ### 2. Major Electronic Components The unit consists of several internal parts that work together to ensure safe switching: 1. **Electromagnetic Coil:** When 24V DC is applied, it creates a magnetic field that moves the internal mechanical armature. 2. **Contact System:** Made of silver alloy (often AgSnO2) to resist "arcing" and welding when switching inductive loads. 3. **Protection Diode (Flyback Diode):** Integrated into the circuit to protect the driving PLC from voltage spikes (back-EMF) when the relay coil is de-energized. 4. **LED Indicator:** A low-power SMD LED that provides visual confirmation that the input signal is active. 5. **Ejector Lever:** A mechanical plastic part used to easily replace the relay plug without rewiring the base. --- ### 3. Wiring Configuration The relay base typically uses the following pin logic: ```mermaid graph LR A[Input +24V] --> B(Coil) C[Input 0V] --> B D[Common - COM] --- E[Normally Closed - NC] D -.-> F[Normally Open - NO] ``` * **Coil Side (Input):** Connected to the PLC Output Card. * **Contact Side (Output):** * **COM (Common):** The input power for the load. * **NO (Normally Open):** Circuit closes when the relay is energized (Motor/Light turns ON). * **NC (Normally Closed):** Circuit opens when the relay is energized. --- ### 4. Application Use Cases * **Signal Isolation:** Protecting sensitive controller CPU pins from 230V AC mains voltage. * **Current Amplification:** Using a 10mA PLC signal to switch a 6A industrial solenoid valve. * **Logic Inversion:** Using the NC contact to create "fail-safe" logic.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R2 and R1 versions of this relay?
    • ⤷ Can this relay be used with AC input signals instead of 24V DC?
    • ⤷ What is the maximum switching frequency for the M2RS-3F-R2/UL?