전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RS-41-R2SLASHUL

  • AI
    The **M2RS-41-R2/UL** is a specific model of an **Industrial Interface Relay** (often referred to as a Plug-in Relay or Slim Interface Relay). These components are critical in automation for isolating control circuits from power circuits. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the core electronic characteristics: | Feature | Specification | | :--- | :--- | | **Contact Configuration** | 1 changeover contact (SPDT - Single Pole Double Throw) | | **Coil Voltage** | Typically 24V AC/DC (indicated by R2 suffix) | | **Switching Current** | Up to 6A (standard for interface relays) | | **Mounting Type** | DIN Rail Mounting (via socket) | | **Certifications** | UL Listed (Underwriters Laboratories) | | **Indication** | Built-in Green LED for status monitoring | --- ### 2. Internal Electronic Components The internal construction of the M2RS-41-R2/UL consists of several key parts: #### A. The Electromagnetic Coil The heart of the relay. When current flows through the coil, it creates a magnetic field that pulls the armature to switch the contacts. #### B. Protection Circuitry (Integrated) Unlike basic relays, "UL" industrial interface relays often include: * **Flyback Diode (DC versions):** Prevents voltage spikes when the coil is de-energized. * **Varistor (AC versions):** Protects against surge voltages. * **Polarity Protection:** Ensures the device isn't damaged if wired incorrectly. #### C. Contacts (AgSnO2) The physical switching points are usually made of **Silver Tin Oxide**. This material is used because it offers: * High resistance to contact welding. * Long electrical lifespan under inductive loads. --- ### 3. Connection Pinout While exact pin numbering depends on the socket used (e.g., a 14-pin or 5-pin base), the electronic logic follows this pattern: ```text Coil Terminals: (+) A1 ---- [ Coil + Protection ] ---- (-) A2 Contact Terminals: 11 (Common) ---/--- 12 (NC - Normally Closed) \_____ 14 (NO - Normally Open) ``` --- ### 4. Why use the "UL" Version? The "/UL" designation signifies that the electronics meet specific safety standards for the North American market. This includes: 1. **Flame Retardant Housing:** The plastic shell must be self-extinguishing. 2. **Creepage and Clearance:** Specific distances between high-voltage and low-voltage traces to prevent electrical arcing.
    ✨ Follow-up Questions
    • What is the maximum switching frequency for the M2RS series?
    • Which DIN rail socket is compatible with the M2RS-41-R2/UL?
    • What is the difference between AgNi and AgSnO2 contact materials in these relays?