전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RS-4F-R2/BL

  • AI
    The **M2RS-4F-R2/BL** is a specialized electronic component, typically categorized as a **terminal block relay** or an **interface relay module**. These parts are designed to bridge the gap between low-power control signals (like those from a PLC) and high-power industrial loads. Below is the detailed breakdown of its electronic parts and specifications. --- ## 1. Core Component Specifications This module integrates several electronic sub-components into a single DIN-rail mountable unit. | Component Part | Specification/Description | | :--- | :--- | | **Relay Type** | Electromagnetic Miniature Relay | | **Contact Configuration** | 1C (SPDT - Single Pole Double Throw) | | **Coil Voltage** | 24V DC (Standard for most R2/BL models) | | **Switching Capacity** | Typically 6A at 250V AC / 30V DC | | **Indicator** | Integrated LED (Blue/Green) for status monitoring | | **Protection** | Built-in Freewheeling Diode (protects against back-EMF) | --- ## 2. Detailed Electronic Features ### A. Coil Side (Input) The input section consists of the electromagnetic coil and protection circuitry. * **LED Indicator:** The "BL" in the part number often signifies a Blue LED indicator that illuminates when the coil is energized, allowing for easy visual troubleshooting. * **Reverse Polarity Protection:** Usually includes a diode to prevent damage if the DC input wires are reversed. ### B. Contact Side (Output) The contacts are the physical switches inside the relay. * **Material:** Usually Silver Alloy (AgSnO2) for high conductivity and resistance to contact welding. * **Mechanical Life:** Typically rated for 10,000,000 operations. * **Electrical Life:** Rated for approximately 100,000 operations at full load. ### C. The Base/Socket (Interface) * **Terminal Type:** Screw or Push-in terminals for secure wiring. * **Isolation:** Provides high dielectric strength (isolation) between the control circuit (low voltage) and the load circuit (high voltage). --- ## 3. Wiring Diagram Concept The following is a simplified representation of the internal electronic structure: ```text Input (A1/A2) ----> [ Diode ] ----> ( Coil ) ----> [ LED ] | | Output (11/12/14) --> [ Common (11) ] --- [ NC (12) ] \-- [ NO (14) ] ``` --- ## 4. Key Application Use-Cases 1. **Galvanic Isolation:** Protecting sensitive PLC outputs from electrical noise and voltage spikes. 2. **Signal Multiplication:** Using one low-current signal to switch a higher-current load. 3. **Voltage Conversion:** Controlling a 230V AC motor using a 24V DC control signal. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the M2RS-4F-R2/BL?
    • ⤷ Does this model support AC input voltages for the coil?
    • ⤷ What is the recommended wire gauge for the terminal blocks?