전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RS-4F-R2/CE

  • AI
    The **M2RS-4F-R2/CE** is a high-performance, plug-in type **Signal Conditioner (Isolator)** manufactured by M-System. It is designed to accept a DC voltage or current input and provide a standard, isolated DC output. --- ### 1. Key Technical Specifications The following table outlines the core electronic and operational parameters: | Feature | Specification | | :--- | :--- | | **Model Series** | M2-Series (Mini-M) | | **Configuration** | 4-wire (AC/DC powered) | | **Input Signal** | 4 to 20 mA DC (Standard for this variant) | | **Output Signal** | 4 to 20 mA DC (Standard for this variant) | | **Power Input (R2)** | 11 – 27 V DC | | **Isolation** | 3-way (Input - Output - Power) | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Standards** | CE Marking compliant | --- ### 2. Core Electronic Functions The M2RS-4F-R2/CE performs three primary electronic roles in a control system: #### A. Signal Isolation It provides 2000V AC isolation between the input, output, and power supply. This prevents **ground loops** and protects sensitive PLC/DCS equipment from high-voltage surges or electrical noise originating from field sensors. #### B. Signal Conversion & Linearization While this specific model typically handles a 1:1 ratio (e.g., 4-20mA to 4-20mA), the internal circuitry ensures that the output remains perfectly linear relative to the input, compensating for line resistance. #### C. Power Management (The "R2" Designation) The "R2" indicates the unit is powered by **24V DC**. This makes it ideal for use in control cabinets where 24V bus bars are standard. The "4-wire" design means the unit has its own dedicated power terminals, separate from the signal loop. --- ### 3. Physical & Installation Features * **Plug-in Structure:** The electronic module can be removed from its base without disconnecting the wiring, facilitating easy maintenance. * **DIN Rail Mounting:** Standard 35mm DIN rail installation. * **Adjustments:** The front panel typically features Zero and Span adjustments (potentiometers) for fine-tuning the signal output. --- ### 4. Circuit Diagram Representation (Simplified) ```text [ FIELD ] [ M2RS-4F-R2/CE ] [ CONTROLLER ] Sensor(+) --------> (1) Input (+) (4) --------> PLC Input (+) Sensor(-) --------> (2) Input (-) (5) --------> PLC Input (-) (3) Power (+) 24V (6) Power (-) 0V ```
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pin assignments for the M2RS-4F-R2/CE socket?
    • ⤷ Can the input signal be changed from 4-20mA to 0-10V on this specific model?
    • ⤷ How does the 'CE' marking affect the environmental ratings of this device?