전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2RS-56-R

  • AI
    The **M2RS-56-R** is a high-performance, two-phase hybrid bipolar stepper motor integrated with a high-resolution encoder, typically part of the **Leadshine M2RS series**. These motors are designed for use with RS485 Modbus RTU communication protocols, making them ideal for networked motion control applications. --- ## 1. Technical Specifications The "56" in the part number indicates a **NEMA 23** frame size (56mm). Below are the core electronic and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Step Angle** | 1.8° | | **Phase / Current** | 2-Phase / ~4.0A to 5.0A (Typical) | | **Holding Torque** | 1.2 Nm to 2.2 Nm (Variant dependent) | | **Encoder Resolution** | 1000 lines (4000 counts/rev) | | **Communication** | RS485 / Modbus RTU | | **Insulation Class** | B (130°C) | --- ## 2. Key Electronic Components ### A. Integrated Encoder The "R" suffix often denotes the inclusion of a rear-mounted optical or magnetic encoder. - **Feedback Loop:** It provides real-time position feedback to the drive system. - **Closed-Loop Capability:** When paired with a compatible driver, it eliminates the "loss of steps" common in open-loop stepper systems. ### B. RS485 Communication Interface Unlike traditional "Pulse/Direction" motors, the M2RS series supports serial communication. - **Daisy Chaining:** Up to 31 axes can be controlled via a single RS485 network. - **Logic Level:** Uses differential signaling for high noise immunity in industrial environments. ### C. Wiring and Connectivity The motor typically features two main connector groups: 1. **Motor Power:** * `A+ / A-`: Phase A windings. * `B+ / B-`: Phase B windings. 2. **Encoder Signals:** * `VCC / GND`: Logic power (usually 5V). * `EA+ / EA-`: Channel A differential signals. * `EB+ / EB-`: Channel B differential signals. --- ## 3. Comparison: M2RS vs. Standard Steppers | Feature | Standard NEMA 23 | M2RS-56-R | | :--- | :--- | :--- | | **Control Mode** | Pulse/Dir only | RS485 Modbus / Pulse/Dir | | **Position Accuracy** | Open-loop (Estimates) | Closed-loop (Verified by Encoder) | | **Wiring Complexity** | High (Point-to-point) | Low (Bus network) | | **Heat Generation** | Constant | Variable (Current drops at idle) | --- ### Integration Code Example (Modbus Concept) To move the motor via a controller using Python (Minimalistic example): ```python # Example: Sending a move command via Modbus RTU import minimalmodbus # Initialize motor at Address 1 motor = minimalmodbus.Instrument('/dev/ttyUSB0', 1) motor.serial.baudrate = 38400 # Write to register for Target Position (Example Register 0x0002) motor.write_register(2, 4000, functioncode=6) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum RS485 communication distance for the M2RS-56-R?
    • ⤷ Does this motor require a specific Leadshine driver
    • ⤷ or is it universal?
    • ⤷ How do I configure the Modbus ID for multiple motors on one bus?